データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS-12-0974 データシート(PDF) 9 Page - FCI connector

部品番号 GS-12-0974
部品情報  TRX10GDP0310C1 (SFP LR Module)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI-CONNECTOR [FCI connector]
ホームページ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0974 データシート(HTML) 9 Page - FCI connector

Back Button GS-12-0974 Datasheet HTML 5Page - FCI connector GS-12-0974 Datasheet HTML 6Page - FCI connector GS-12-0974 Datasheet HTML 7Page - FCI connector GS-12-0974 Datasheet HTML 8Page - FCI connector GS-12-0974 Datasheet HTML 9Page - FCI connector GS-12-0974 Datasheet HTML 10Page - FCI connector GS-12-0974 Datasheet HTML 11Page - FCI connector GS-12-0974 Datasheet HTML 12Page - FCI connector GS-12-0974 Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NUMBER
GS-12-0974
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDP0310C1 (SFP+ LR Module)
9 of 14
A
AUTHORIZED BY
DATE
J. Blank
11 July 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Interfacing the Transceiver
Communication is done by a serial 2-wire interface compatible to the I2C bus protocol. Refer to SFF-8472 for
a more detailed explanation of the registers:
Base Address A0h
Register
Content
0 - 95
Serial Transceiver ID as
defined in SFP MSA
96 - 127
FCI Specific
128 - 255
Reserved
Digital Optical Monitoring
The transceiver offers the ability to monitor important module parameter during operation. All five parameters
listed below are continuously monitored for getting information about the current module status. All data is
calibrated internally; there is no need for external post processing.
Temperature
Internally measured temperature data is represented as two’s complement of a signed 16-bit value in
increments of 1/256 °C over a range of -40 to +100 °C. Accuracy is better than +/-3 °C.
Supply Voltage (VCC)
Internally measured supply voltage. Represented as a 16-bit unsigned integer with the voltage defined as the
full 16 bit value (0 – 65535) with LSB equal to 100 µVolt, which yields to a total range of 0 to +6.55 Volts.
Accuracy is better than +/-3 %.
Laser Bias Current
The DFB laser bias current is represented as a 16 bit unsigned integer with the current defined as the full 16-
bit value (0 – 65535) with LSB equal to 2 µA. Accuracy is better than +/-10 %.
Optical Transmitter Power
TX output power measurement is based on internal monitor diode feedback. Represented as a 16-bit
unsigned integer with the power defined as the full 16 bit value (0 – 65535) with LSB equal to 0.1 µW.
Accuracy is better than +/-3 dB over a range of Pavgmin to Pavgmax.
Receiver Optical Power
RX input power measurement is based on photodiode average current. Represented as a 16-bit unsigned
integer with the power defined as the full 16 bit value (0 – 65535) with LSB equal to 0.1 µW. Accuracy is
better than +/-3 dB over a range of -15 dBm to 0.5 dBm.
Note: The specified characteristics are met within the recommended range of operating conditions regarding temperature and voltage.
Base Address A2h
Register
Content
0 - 55
Alarm & Warnings
Thresholds & Limits
56 - 95
External calibration
constants (not used)
96 – 119
Values from real time
diagnostic monitoring
128 – 247
Customer specific, writable
area
248 - 255
Reserved
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


同様の部品番号 - GS-12-0974

メーカー部品番号データシート部品情報
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

同様の説明 - GS-12-0974

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
   AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AR-SFP-10G-LR-C ATGBICS-AR-SFP-10G-LR-C Datasheet
570Kb / 10P
   AR-SFP-10G-LR Arista Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
EX-SFP-10GE-LR-C ATGBICS-EX-SFP-10GE-LR-C Datasheet
367Kb / 10P
   EX-SFP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AHCC-SFP-10G-LR-C ATGBICS-AHCC-SFP-10G-LR-C Datasheet
570Kb / 10P
   AHCC-SFP-10G-LR Aerohive Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AXSK-SFP+LR-C ATGBICS-AXSK-SFP+LR-C Datasheet
569Kb / 10P
   AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
FN-TRAN-SFP+LR-C ATGBICS-FN-TRAN-SFP+LR-C Datasheet
570Kb / 10P
   FN-TRAN-SFPLR Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com