データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5379B データシート(PDF) 1 Page - Frontier Electronics.

部品番号 1N5379B
部品情報  5 WATT SILICON ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5379B データシート(HTML) 1 Page - Frontier Electronics.

  1N5379B Datasheet HTML 1Page - Frontier Electronics. 1N5379B Datasheet HTML 2Page - Frontier Electronics. 1N5379B Datasheet HTML 3Page - Frontier Electronics. 1N5379B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5333B THRU 1N5388B
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
5 WATT SILICON ZENER DIODE
1N5333B THRU 1N5388B
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
LOW ZENER IMPEDANCE
EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-201AE, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER
MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 1.2 GRAM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C UNLESS OTHERWISE NOTED VF=1.2V MAX,@IF = 1A FOR ALL TYPES)
MAXIMUM ZENER IMPEDANCE
MAX. REVERSE
LEAKAGE CURRENT
JEDEC
TYPE NO
NOMINAL
ZENER
VOLTS
VZ@IZT
VOLTS
TEST
CURRENT
IZT
mA
ZZT @ IZT
Ohms
ZZK
@IZK=1mA
Ohms
IR
@
VR
μA
VOLTS
MAX
SURGE
CURRENT
IR AMPS
MAX
VOLTAGE
REGULATION
VZVOLT
MAXIMUM REGULATOR
CURRENT
IZM
mA
1N5333B
1N5334B
1N5335B
1N5336B
1N5337B
1N5338B
1N5339B
1N5340B
1N5341B
1N5342B
1N5343B
1N5344B
1N5345B
1N5346B
1N5347B
1N5348B
1N5349B
1N5350B
1N5351B
1N5352B
1N5353B
1N5354B
1N5355B
1N5356B
1N5357B
1N5358B
1N5359B
1N5360B
1N5361B
1N5362B
1N5363B
1N5364B
1N5365B
1N5366B
1N5367B
1N5368B
1N5369B
1N5370B
1N5371B
1N5372B
1N5373B
1N5374B
1N5375B
1N5376B
1N5377B
1N5378B
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
380
350
320
290
260
240
220
200
200
175
175
150
150
150
125
125
100
100
100
75
75
70
65
65
65
50
50
50
50
50
40
40
30
30
30
25
25
20
20
20
20
20
15
15
15
12
3
2.5
2
2
2
1.5
1
1
1
1
1.5
1.5
2
2
2
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
3
3
3.5
3.5
4
5
6
8
10
11
14
20
25
27
35
40
42
44
45
65
75
75
90
400
500
500
500
450
400
400
300
200
200
200
200
200
150
125
125
125
100
75
75
75
75
75
75
75
75
100
110
120
130
140
150
160
170
190
210
230
280
350
400
500
620
720
760
760
800
300
150
50
10
5
1
1
1
1
10
10
10
10
7.5
5
5
2
1
1
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1
1
1
1
1
1
2
3
3
5.2
5.7
6.2
6.6
6.9
7.6
8.4
9.1
9.9
10.6
11.5
12.2
12.9
13.7
14.4
15.2
16.7
18.2
19
20.6
21.2
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
42.5
47.1
51.7
56
62.2
66
69.2
76
20
18.7
17.6
16.4
15.3
14.4
13.4
12.7
12.4
11.5
10.7
10
9.5
9.2
8.6
8
7.5
7
6.7
6.3
6
5.8
5.5
5.3
5.1
4.7
4.4
4.3
4.1
3.9
3.7
3.5
3.3
3.1
2.8
2.7
2.5
2.3
2.2
2.1
2
1.9
1.8
1.7
1.6
1.5
0.85
0.8
0.54
0.49
0.44
0.39
0.25
0.19
0.1
0.15
0.15
0.2
0.2
0.22
0.22
0.25
0.25
0.25
0.25
0.25
0.3
0.35
0.4
0.4
0.4
0.45
0.55
0.55
0.6
0.6
0.6
0.6
0.65
0.65
0.7
0.8
0.9
1
1.2
1.35
1.5
1.6
1.8
2
2.2
2.5
1440
1320
1220
1100
1010
930
865
790
765
700
630
580
545
520
475
430
395
365
340
315
295
280
265
250
237
216
198
190
176
170
158
144
132
122
110
100
93
86
79
76
70
63
58
54.5
52.5
47.5
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.042(1.07)
.037(0.94)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)


同様の部品番号 - 1N5379B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N5379B MOTOROLA-1N5379B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5379B SUNMATE-1N5379B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
ON Semiconductor
1N5379B ONSEMI-1N5379B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Shenzhen Luguang Electr...
1N5379B LUGUANG-1N5379B Datasheet
2Mb / 5P
   Zener Diode
logo
Frontier Electronics.
1N5379B FRONTIER-1N5379B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

同様の説明 - 1N5379B

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
   3 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com