データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33879 データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 33879
部品情報  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33879_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879_12 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33879
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ V
DD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Slew Rate Low Side Configuration(11)
RLOAD = 620Ω, CL = 200pF
tSR(RISE)
0.1
0.5
1.0
V/
μs
Output Slew Rate Low Side Configuration(11)
RLOAD = 620 Ω, CL = 200 pF
tSR(FALL)
0.1
0.5
1.0
V/
μs
Output Rise Time High Side Configuration(11)
RLOAD = 620 Ω, CL = 200 pF
tSR(RISE)
0.1
0.3
1.0
V/
μs
Output Fall Time High Side Configuration(11)
RLOAD = 620 Ω, CL = 200 pF
tSR(FALL)
0.1
0.3
1.0
V/
μs
Output Turn ON Delay Time, High Side and Low Side Configuration(12)
tDLY(ON)
1.0
15
50
μs
Output Turn OFF Delay Time, High Side and Low Side Configuration(12)
tDLY(OFF)
1.0
30
100
μs
Output Fault Delay Time(13)
tFAULT
100
300
μs
Power-ON Reset Delay
Delay Time Required from Rising Edge of EN and VDD to SPI Active
tPOR
100
μs
Low-State Duration on VDD or EN for Reset
VDD or EN ≤ 0.2 V
tRESET
100
µs
Notes
11.
Output slew rate respectively measured across a 620
Ω resistive load at 10 to 90 percent and 90 to 10 percent voltage points.
CL capacitor is connected from Drain or Source output to Ground.
12.
Output turn ON and OFF delay time measured from 50 percent rising edge of CS to the beginning of the 10 and 90 percent transition
points.
13.
Duration of fault before fault bit is set. Duration between access times must be greater than 300
μs to read faults.


同様の部品番号 - 33879_12

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33879A FREESCALE-33879A Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

同様の説明 - 33879_12

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com