データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU10-005F データシート(PDF) 1 Page - Frontier Electronics.

部品番号 BU10-005F
部品情報  10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU10-005F データシート(HTML) 1 Page - Frontier Electronics.

  BU10-005F Datasheet HTML 1Page - Frontier Electronics. BU10-005F Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BU10-005F THRU BU10-10F
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL:
(805) 522-9998
FAX:
(805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F THRU BU10-10F
FEATURES
PLASTIC MATERIAL HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C /10 S
0.375” (9.5mm) LEAD LENGTH AT 5 LBS (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202,
METHOD 208
MOUNTING POSITION: ANY
MOUNTING TORQUE: 5 IN-LB MAX
WEIGHT: 8.0 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BU10-005F BU10-01F BU10-02F BU10-04F BU10-06F BU10-08F BU10-10F UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT (SEE FIG.1)
IO
10.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
300
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
ºC
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BU10-005F BU10-01F BU10-02F BU10-04F BU10-06F BU10-08F BU10-10F UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT IFM
VF
1.0
V
MAXIMUM REVERSE LEAKAGE AT RATED DC BLOCKING
VOLTAGE PER ELEMENT TA=25ºC, TC=100ºC
IR
10
μA
0.75(1.9) R.
TYP ( 2 PLACES )
.220(5.6)
.180(4.6)
~
~
.935(23.7)
.895(22.7)
45ºC
.283(7.2)
.256(6.5)
.185(4.7)
.165(4.2)
.455(11.3)
.065(10.3)
.760(19.3)
MAX
5 ±1mm
1.0 (25.4) MIN
.085(2.2)
.065(1.7)
.205(5.2)
.185(4.7)
.052(1.3)
.048(1.2)
.160(4.1)
.140(3.6)
.700(17.8)
.660(16.8)


同様の部品番号 - BU10-005F

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

同様の説明 - BU10-005F

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
PBP10-005 FRONTIER-PBP10-005 Datasheet
121Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BP10-005 FRONTIER-BP10-005 Datasheet
129Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
BR10 SEMTECH_ELEC-BR10 Datasheet
126Kb / 2P
   10A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
PBP10-005G FRONTIER-PBP10-005G Datasheet
120Kb / 2P
   10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Semtech Corporation
BR10 SEMTECH-BR10 Datasheet
119Kb / 2P
   10A SINGLE - PHASE SILICON BRIDGE
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com