データシートサーチシステム |
|
BU10-06 データシート(PDF) 2 Page - Frontier Electronics. |
|
BU10-06 データシート(HTML) 2 Page - Frontier Electronics. |
2 / 2 page BU10-005 THRU BU10-10 Page: 2 FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60HZ SINGLE SINE-WAVE JEDEC METHOD TJ=150ºC FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 1.0 .1 .01 0 20 40 60 80 100 120 140 PERCENT OF PEAK REVERSE VOLTAGE TA=25℃ TJ=25ºC FIG. 3 - TYPICAL JUNCTION CAPACITANCE PER ELEMENT 400 100 50 10 1 5 10 50 100 REVERSE VOLTAGE, (V) FI. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER ELEMENT 100 40 20 10 4.0 1.0 0.4 0.2 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V) TJ=25ºC PULSE WIDTH.300us 1% DUTY CYCLE FIG. 1 - DERATING CURVE OUTPUT RECTIFIED CURRENT 10.0 6.0 4.0 2.0 0 0 50 100 150 TEMPERATURE, (ºC) HEAT SINK MOUNTING Tc 3.0x3.0x0.12" THK AL PLATE (7.5x7.5x0.3cm) TA P.C.B. MOUNTING 0.375"(9.5mm)LEAD LENGTH 0.5x0.5"(12 ×12mm) COPPER PADS RATINGS AND CHARACTERISTIC CURVES BU10-005 THRU BU10-10 60Hz Resistive or Inductive TC=100℃ f=1MHz |
同様の部品番号 - BU10-06 |
|
同様の説明 - BU10-06 |