データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU10-06F データシート(PDF) 2 Page - Frontier Electronics.

部品番号 BU10-06F
部品情報  10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU10-06F データシート(HTML) 2 Page - Frontier Electronics.

  BU10-06F Datasheet HTML 1Page - Frontier Electronics. BU10-06F Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BU10-005F THRU BU10-10F
Page: 2
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
300
250
200
150
100
50
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
JEDEC METHOD
TJ=150ºC
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE
TA=25℃
TC=100℃
TJ=25ºC
FIG. 3 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
400
100
50
10
1
5
10
50
100
REVERSE VOLTAGE, (V)
f=1MHz
FI. 5 - TYPICAL INSTANTANEOUS
FORWARD
CHARACTERISTICS PER ELEMENT
100
40
20
10
4.0
1.0
0.4
0.2
0.1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD
VOLTAGE, (V)
TJ=25ºC
PULSE WIDTH.300us
1% DUTY CYCLE
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
10.0
6.0
4.0
2.0
0
0
50
100
150
TEMPERATURE, (ºC)
HEAT SINK MOUNTING Tc
3.0x3.0x.12" THK AL PLATE
(7.5x7.5x 0.3cm)
TA P.C.B. MOUNTING
0.375"(9.5mm)LEAD LENGTH
0.5x0.5”(12x12mm) COPPER
PADS
RATINGS AND CHARACTERISTIC CURVES BU10-005F THRU BU10-10F
60Hz Resistive or Inductive


同様の部品番号 - BU10-06F

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
BU10-06 FRONTIER-BU10-06 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

同様の説明 - BU10-06F

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
PBP10-005 FRONTIER-PBP10-005 Datasheet
121Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BP10-005 FRONTIER-BP10-005 Datasheet
129Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
BR10 SEMTECH_ELEC-BR10 Datasheet
126Kb / 2P
   10A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
PBP10-005G FRONTIER-PBP10-005G Datasheet
120Kb / 2P
   10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Semtech Corporation
BR10 SEMTECH-BR10 Datasheet
119Kb / 2P
   10A SINGLE - PHASE SILICON BRIDGE
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com