データシートサーチシステム |
|
SS34B データシート(PDF) 1 Page - Frontier Electronics. |
|
SS34B データシート(HTML) 1 Page - Frontier Electronics. |
1 / 2 page SS32B THRU SS310B Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SS32B THRU SS310B FEATURES FOR SURFACE MOUNTED APPLICATIONS LOW PROFILE PACKAGE BUILT-IN STRAIN RELIEF EASY PICK AND PLACE PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0 EXTREMELY LOW VF MAJORITY CARRIER CONDUCTION HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINALS MECHANICAL DATA CASE: MOLDED PLASTIC, DO-214AA (SMB), DIMENSIONS IN MILLIMETERS (MILLIMETERS) TERMINALS: SOLDER PLATED POLARITY INDICATED BY CATHODE BAND WEIGHT 0.093 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20% RATINGS SYMBOL SS32B SS33B SS34B SS35B SS36B SS38B SS310B UNITS MAXIMUM RECURRENT PEAK REVERSE VOLTAGE VRRM 20 30 40 50 60 80 100 V MAXIMUM RMS VOLTAGE VRMS 14 21 28 35 42 56 70 V MAXIMUM DC BLOCKING VOLTAGE VDC 20 30 40 50 60 80 100 V MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT SEE FIG.1 IO 3.0 A MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE IFSM 100 A TYPICAL JUNCTION CAPACITANCE (NOTE 1) CJ 300 PF TYPICAL THERMAL RESISTANCE (NOTE 2) RθjL 17 ℃/W TYPICAL THERMAL RESISTANCE (NOTE 2) RθjA 55 ℃/W STORAGE TEMPERATURE RANGE TSTG -55 TO + 150 ℃ OPERATING TEMPERATURE RANGE TOP -55 TO + 125 ℃ ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED) CHARACTERISTICS SYMBOL SS32B SS33B SS34B SS35B SS36B SS38B SS310B UNITS MAXIMUM FORWARD VOLTAGE AT 3.0A AND 25 ℃ VF 0.50 0.75 0.85 V MAXIMUM REVERSE CURRENT AT 25 ℃ IR 1.0 mA MARKING SS32B SS33B SS34B SS35B SS36B SS38B SS310B NOTE: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V 2. P.C.B. MOUNTED 0.55”x0.55 “(14x14 mm ) 0.013mm THICK COPPER PAD AREAS 3. SMA PACKAGE SUFFIX “ A” , SMB PACKAGE SUFFIX “B”, SMC NO SUFFIX .060(1.52) .030(0.76) .220(5.59) .205(5.21) .096(2.44) .084(2.13) .180(4.57) .160(4.06) .155(3.94) .130(3.30) .086(2.20) .077(1.96) CATHODE |
同様の部品番号 - SS34B |
|
同様の説明 - SS34B |