データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS63B-LFR データシート(PDF) 1 Page - Frontier Electronics.

部品番号 SS63B-LFR
部品情報  6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS63B-LFR データシート(HTML) 1 Page - Frontier Electronics.

  SS63B-LFR Datasheet HTML 1Page - Frontier Electronics. SS63B-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS62B-LFR THRU SS610B-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62B-LFR THRU SS610B-LFR
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS
AT TERMINALS
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AA (SMB), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY INDICATED BY CATHODE BAND
WEIGHT 0.093 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SS62B
-LFR
SS63B
-LFR
SS64B
-LFR
SS65B
-LFR
SS66B
-LFR
SS68B
-LFR
SS610B
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
80
60
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
56
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
80
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
6.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
300
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
17
℃/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjA
55
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SS62B
-LFR
SS63B
-LFR
SS64B
-LFR
SS65B
-LFR
SS66B
-LFR
SS68B
-LFR
SS610B
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT 6.0A AND 25
VF
0.55
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
1
mA
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. P.C.B. MOUNTED 0.55”x0.55 “(14x14 mm ) 0.013mm THICK COPPER PAD AREAS
3. SMA PACKAGE SUFFIX “ A” , SMB PACKAGE SUFFIX “B”, SMC NO SUFFIX
.060(1.52)
.030(0.76)
.220(5.59)
.205(5.21)
.096(2.44)
.084(2.13)
.180(4.57)
.160(4.06)
.155(3.94)
.130(3.30)
.086(2.20)
.077(1.96)
CATHODE


同様の部品番号 - SS63B-LFR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SS63B FRONTIER-SS63B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SS63B-LFR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SS62B FRONTIER-SS62B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
MBRD620CT-LFR FRONTIER-MBRD620CT-LFR Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com