データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF20-005G-LFR データシート(PDF) 1 Page - Frontier Electronics.

部品番号 UF20-005G-LFR
部品情報  2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF20-005G-LFR データシート(HTML) 1 Page - Frontier Electronics.

  UF20-005G-LFR Datasheet HTML 1Page - Frontier Electronics. UF20-005G-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF20-005G-LFR THRU UF20-10G-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR THRU UF20-10G-LFR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
GLASS PASSIVATED CHIP JUNCTION
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C/0.375” (9.5mm) LEAD LENGTHS FOR 10 SECONDS AT
5 LBS. (2.3KG) TENSION
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS
OTHERWISE
SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
UF20
-005G
-LFR
UF20
-01G
-LFR
UF20
-02G
-LFR
UF20
-04G
-LFR
UF20
-06G
-LFR
UF20
-08G
-LFR
UF20
-10G
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
60
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
30
20
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
UF20
-005G
-LFR
UF20
-01G
-LFR
UF20
-02G
-LFR
UF20
-04G
-LFR
UF20
-06G
-LFR
UF20
-08G
-LFR
UF20
-10G
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.3
1.7
V
MAXIMUM DC REVERSE CURRENT AT TA=25
°C
IR
1
μA
MAXIMUM DC REVERSE CURRENT AT TA=100
°C
IR
10
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE3)
TRR
50
75
nS
NOTES:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


同様の部品番号 - UF20-005G-LFR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results

同様の説明 - UF20-005G-LFR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR201G FRONTIER-FR201G Datasheet
1Mb / 2P
   2A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF20-005G FRONTIER-SF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF20-005G-LFR FRONTIER-SF20-005G-LFR Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
   2A, 200V Glass Passivated Ultra Fast Rectifier
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com