データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ300A データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SMBJ300A
部品情報  600Watts Surface Mount Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ300A データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ300A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ300A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ300A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0 Volts to
BV for unidirectional types
Typical IR less than 1 mA above 10V
High Temperature soldering: 250˚C/10 seconds at terminals
Plastic packages has Underwriters Laboratory
Flammability 94V-O
Case:JEDEC DO214AA. Molded plastic over glass passivated
junction
Terminal: Solder plated, solderable per MIL-STD-750
Method 2026
Polarity. Color band denotes positive end(cathode) except
Bidirectional
Standard Packaging: 12mm tape(EIA STF RS-481)
Weight: 0.003 ounce, 0.093 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SMBJ5.0 thru types
SMBJ110(e.g. SMBJ5.OC, SMBJ170CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS @25˚C AMBIENT TEMPERATURE
AND CHARACTERISTICS (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation on
10/1000µs waveform
(note 1,2, FIG.1)
Peak pulse current of on 10\1000µs
waveform (note 1, FIG.3)
Peak forward Surge Current, 8.3ms
Single Half SIne Wave Superimposed
on Rated Load, (JEDEC Method)
(note 2.3)
Operating junction and Storage
Temperature Range
VALUE
Min
600
SEE TABLE 1
100
-55 to +150
-55 to +150
UNIT
Watts
Amps
Amps
°C
Note 1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
Note 2. Mounted on 5.0mm2(0.03mm thick) Copper Pads to each
terminal
Note 3. 8.3 ms single half sine-wave, or equivalent square wave,
Duty cycle= 4 pulses per minute
SYMBOL
PPPM
IPPM
IPSM
Tj, TsTG
SMBJ Series
600Watts Surface Mount Transient Voltage Suppressor
Features
Mechanical Data
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
DO - 214AA(SMB)
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


同様の部品番号 - SMBJ300A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMBJ300A LITTELFUSE-SMBJ300A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Olitech Electronics Co....
SMBJ300A OLITECH-SMBJ300A Datasheet
850Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ300A LUGUANG-SMBJ300A Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SMBJ300A SECOS-SMBJ300A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMBJ300A SOCAY-SMBJ300A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMBJ300A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0_1 Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com