データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ11CA データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SMBJ11CA
部品情報  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ11CA データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ11CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shenzhen Luguang Electronic Technolog
y Co.,Ltd.
TEL.:0755—23981126
23981128
FAX:0755—23981125 23981127
ROHS
Website:www.luguang.cn
www.lge-tech.com
Email:lge@luguang.cn
Add.:13A07,B Block,Haisong Building,Terra 9rd.,Chegongmiao,Futian Dist.,Shenzhen,China
Specification
Customer: ShenZhen Top Access Electronics CO.,LTD
Product Name:
Diodes
Part Number:
SMBJ100CA
Material No.:
Drawn by:
Checked by:
Approved by:
Date:Aug 13,2012
Customer Approval:
Signature:
Job Title:
Date:
Please return the approved sheet to Shenzhen Luguang Electronic Technology Co.,Ltd.


同様の部品番号 - SMBJ11CA

メーカー部品番号データシート部品情報
logo
Bytes
SMBJ11CA BYTES-SMBJ11CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ11CA LITTELFUSE-SMBJ11CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
MDE Semiconductor, Inc.
SMBJ11CA MDE-SMBJ11CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ11CA YANGJIE-SMBJ11CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
SHIKUES Electronics
SMBJ11CA SKTECHNOLGY-SMBJ11CA Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results

同様の説明 - SMBJ11CA

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com