データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16X データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 BAS16X
部品情報  High Speed Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS16X データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS16X Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS16X Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small package.
High speed switching.
High speed switching application.
Type No.
Marking
Package Code
BAS16X
A6
SOD-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC Reverse voltage
VR
75
V
Continuous forward current
IF
200
mA
Peak forward surge current
IFM
500
mA
Total power dissipation
Ptot
150
mW
Total resistance junction to ambient
RθJA
635
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-55-150
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
75
V
IR=100μA
Forward voltage
VF
0.715
0.815
1
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse current
IR
1.0
μA
VR=75V
Diode capacitance
Cd
2.0
pF
VR=0V,f=1MHz
Reverse recovery time
trr
6
ns
IF=IR=10mA,RL=50Ω
BAS16X
High Speed Switching Diodes
Dimensions in inches and (millimeters)
SOD-523
Features
Applications
Ordering Information
http://www.luguang.cn
mail:lge@luguang.cn


同様の部品番号 - BAS16X

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
   Swithching Diode
logo
Goodwork Semiconductor ...
BAS16X GWSEMI-BAS16X Datasheet
239Kb / 3P
   Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
   High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
   SOD-523 Plastic-Encapsulate Diodes
More results

同様の説明 - BAS16X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com