データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2902 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC2902
部品情報  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC2902 データシート(HTML) 10 Page - Texas Instruments

Back Button DAC2902 Datasheet HTML 6Page - Texas Instruments DAC2902 Datasheet HTML 7Page - Texas Instruments DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments DAC2902 Datasheet HTML 10Page - Texas Instruments DAC2902 Datasheet HTML 11Page - Texas Instruments DAC2902 Datasheet HTML 12Page - Texas Instruments DAC2902 Datasheet HTML 13Page - Texas Instruments DAC2902 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DAC2902
10
SBAS167C
www.ti.com
The value of the load resistance is limited by the output
compliance specification of the DAC2902. To maintain
specified linearity performance, the voltage for IOUT and
IOUT should not exceed the maximum allowable compliance
range.
The two single-ended output voltages can be combined to
find the total differential output swing:
VV
V
Code
IR
OUTDIFF
OUT
OUT
OUTFS
LOAD
== ×
××
(
)
2
4095
4096
(7)
ANALOG OUTPUTS
The DAC2902 provides two complementary current out-
puts, IOUT and IOUT. The simplified circuit of the analog
output stage representing the differential topology is shown
in Figure 2. The output impedance of IOUT and IOUT results
from the parallel combination of the differential switches,
along with the current sources and associated parasitic
capacitances.
be adapted to the output of the DAC2902 by selecting a
suitable transformer while maintaining optimum voltage
levels at IOUT and IOUT. Furthermore, using the differential
output configuration in combination with a transformer will
be instrumental for achieving excellent distortion perfor-
mance. Common-mode errors, such as even-order harmon-
ics or noise, can be substantially reduced. This is particularly
the case with high output frequencies.
For those applications requiring the optimum distortion and
noise performance, it is recommended to select a full-scale
output of 20mA. A lower full-scale range down to 2mA may
be considered for applications that require a low power
consumption, but can tolerate a slightly reduced perfor-
mance level.
OUTPUT CONFIGURATIONS
The current outputs of the DAC2902 allow for a variety of
configurations, some of which are illustrated in Table I. As
mentioned previously, utilizing the converter’s differential
outputs will yield the best dynamic performance. Such a
differential output circuit may consist of an RF transformer
or a differential amplifier configuration. The transformer
configuration is ideal for most applications with ac coupling,
while op amps will be suitable for a DC-coupled configura-
tion.
The signal voltage swing that may develop at the two
outputs, IOUT and IOUT, is limited by a negative and positive
compliance. The negative limit of –1V is given by the
breakdown voltage of the CMOS process, and exceeding it
will compromise the reliability of the DAC2902, or even
cause permanent damage. With the full-scale output set to
20mA, the positive compliance equals 1.25V, operating with
an analog supply of +VA = 5V. Note that the compliance
range decreases to about 1V for a selected output current of
IOUTFS = 2mA. Care should be taken that the configuration
of the DAC2902 does not exceed the compliance range to
avoid degradation of the distortion performance and integral
linearity.
Best distortion performance is typically achieved with the
maximum full-scale output signal limited to approximately
0.5VPP. This is the case for a 50Ω doubly-terminated load
and a 20mA full-scale output current. A variety of loads can
The single-ended configuration may be considered for appli-
cations requiring a unipolar output voltage. Connecting a
resistor from either one of the outputs to ground will convert
the output current into a ground-referenced voltage signal.
To improve on the DC linearity by maintaining a virtual
ground, an I-to-V or op-amp configuration may be consid-
ered.
DIFFERENTIAL WITH TRANSFORMER
Using an RF transformer provides a convenient way of convert-
ing the differential output signal into a single-ended signal
while achieving excellent dynamic performance (see Figure 3).
The appropriate transformer should be carefully selected based
on the output frequency spectrum and impedance requirements.
The differential transformer configuration has the benefit of
significantly reducing common-mode signals, thus improving
the dynamic performance over a wide range of frequencies.
Furthermore, by selecting a suitable impedance ratio (winding
ratio), the transformer can be used to provide optimum imped-
ance matching while controlling the compliance voltage for the
converter outputs. The model shown, ADTT1-1 (by Mini-
Circuits), has a 1:1 ratio and may be used to interface the
DAC2902 to a 50
Ω load. This results in a 25Ω load for each of
the outputs, IOUT and IOUT. The output signals are ac coupled
and inherently isolated because of its magnetic coupling.
FIGURE 2. Equivalent Analog Output.
I
OUT
I
OUT
DAC2902
R
L
R
L
+V
A
INPUT CODE (D11 - D0)
IOUT
IOUT
1111 1111 1111
20mA
0mA
1000 0000 0000
10mA
10mA
0000 0000 0000
0mA
20mA
TABLE I. Input Coding Versus Analog Output Current.


同様の部品番号 - DAC2902

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902-EVM BURR-BROWN-DAC2902-EVM Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y BURR-BROWN-DAC2902Y Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC2902

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com