データシートサーチシステム |
|
FMDF6823C データシート(PDF) 10 Page - Fairchild Semiconductor |
|
FMDF6823C データシート(HTML) 10 Page - Fairchild Semiconductor |
10 / 12 page Minimize Components, Achieve Higher Power Conversion Efficiency SMPS designers face several design complexities: space constraints, along with the need for cost-effective power supply solutions with high energy efficiency, optimized system performance and improved reliability. Fairchild now offers a solution: the FSL206MR integrated pulse width modulator (PWM) controller. With integrated protection circuitry, the controller improves SMPS reliability and saves board space. Part of the Green Mode Fairchild Power Switch (FPS™) device family, the integrated PWM controller with avalanche-rugged SenseFET includes an internal regulator, eliminating the need for an auxiliary bias winding. This highly integrated PWM controller includes a built-in, high-voltage startup and full-protection circuitry that saves board space and total bill of material (BOM) costs. Optimized for efficiency and power dissipation with burst-mode operation, when the input voltage is 265V AC , the devices can reach power loss of 150mW with no-bias winding and 30mW with bias winding at no-load condition. Advantages • Lowpowerconsumption of25mWwithno-load • Noauxiliarybiaswinding • Saves50%boardspace, reducesBOM Applications • Motioncontrol—home applianceandindustrial motors • Smartgrid • Smartmeter For more information, please visit: fairchildsemi.com/pf/FS/FSL206MR.html DesignSupport: The FSL206MRx family is supported by Fairchild’s Power Supply WebDesigner (PSW), an easy-to-use, powerful online design tool that allows designers to further customize and fine tune their designs without having to build a bench prototype. EvaluationBoard Integrated PWM Controller Evaluation Board is now available featuring the FSL206MRN, a PWM controller with integrated MOSFET. This board targets 5W auxiliary power supply applications. The Power Supply WebDesigner and evaluation board are both available at: www.fairchildsemi.com/pf/FS/FSL206MR.html. Drain Source Vstr Vfb Vcc PWM AC IN DC OUT Ipk Typical Application Diagram iNTeGRATeD PWM CONTROlleR Product Number BV BuRH (V) BV BuRH (V) BV DSS (V) Switching Frequency (kHz) Max Pout Open Frame (85-265V AC) (W) R DS(ON) Max (W) Current limit (A) Package Option FSl206MRN 0.83 0.74 650 67 7 19 0.6 DiP-8 FSl206MRl 0.83 0.74 650 67 7 19 0.6 lSOP-8 FSl206MRBN 0.5 0.35 650 67 7 19 0.6 DiP-8 Various Protections: Overload Protection (OlP), Over-Voltage Protection (OVP), low under-Voltage lockout (uVlO), line under-Voltage Protection (luVP), Abnormal Over-Current Protection (AOCP), Output-Short Protection (OSP), Thermal Shutdown (TSD), Auto-Restart Mode for All Protections |
同様の部品番号 - FMDF6823C |
|
同様の説明 - FMDF6823C |