データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5672IPFBR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC5672IPFBR
部品情報  DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672IPFBR データシート(HTML) 6 Page - Texas Instruments

Back Button DAC5672IPFBR Datasheet HTML 2Page - Texas Instruments DAC5672IPFBR Datasheet HTML 3Page - Texas Instruments DAC5672IPFBR Datasheet HTML 4Page - Texas Instruments DAC5672IPFBR Datasheet HTML 5Page - Texas Instruments DAC5672IPFBR Datasheet HTML 6Page - Texas Instruments DAC5672IPFBR Datasheet HTML 7Page - Texas Instruments DAC5672IPFBR Datasheet HTML 8Page - Texas Instruments DAC5672IPFBR Datasheet HTML 9Page - Texas Instruments DAC5672IPFBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DAC5672
SLAS440C – NOVEMBER 2004 – REVISED DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
AC specifications over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode, differential 1:1 impedance
ratio transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fclk
Maximum output update rate(1)
275
MSPS
ts
Output settling time to 0.1%
Mid-scale transition
20
ns
(DAC)
tr
Output rise time 10% to 90%
1.4
ns
(OUT)
tf
Output fall time 90% to 10%
1.5
ns
(OUT)
IOUTFS = 20 mA
55
pA/
√Hz
Output noise
IOUTFS = 2 mA
30
pA/
√Hz
AC Linearity
1st Nyquist zone, TA = 25°C,
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS = 0
83
dB
1st Nyquist zone, TA = 25°C,
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS =
80
-6 dB
1st Nyquist zone, TA = 25°C,
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS =
79
-12 dB
1st Nyquist zone, TA = 25°C,
SFDR
Spurious-free dynamic range
dBc
84
fDATA = 100 MSPS, fOUT = 5 MHz
1st Nyquist zone, TA = 25°C,
79
fDATA = 100 MSPS, fOUT = 20 MHz
1st Nyquist zone, TMIN to TMAX,
68
75
fDATA = 200 MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C,
72
fDATA = 200 MSPS, fOUT = 41 MHz
1st Nyquist zone, TA = 25°C,
74
fDATA = 275 MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C,
77
dB
fDATA = 100 MSPS, fOUT = 5 MHz
SNR
Signal-to-noise ratio
1st Nyquist zone, TA = 25°C,
70
dB
fDATA = 160 MSPS, fOUT = 20 MHz
W-CDMA signal with 3.84-MHz Bandwidth,
75
dB
fDATA = 61.44 MSPS, IF = 15.360 MHz
W-CDMA signal with 3.84-MHz Bandwidth,
73
dB
fDATA = 122.88 MSPS, IF = 30.72 MHz
ACLR
Adjacent channel leakage ratio
W-CDMA signal with 3.84-MHz Bandwidth,
78
dB
fDATA = 61.44 MSPS, Baseband
W-CDMA signal with 3.84-MHz Bandwidth,
78
dB
fDATA = 122.88 MSPS, Baseband
Each tone at -6 dBFS, TA = 25°C,
fDATA = 200 MSPS, fOUT = 45.4 MHz and
65
dBc
46.4 MHz
Third-order two-tone
IMD3
intermodulation
Each tone at -6 dBFS, TA = 25°C,
fDATA = 100 MSPS, fOUT = 15.1 MHz and
79
dBc
16.1 MHz
(1)
Specified by design and bench characterization. Not production tested.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5672


同様の部品番号 - DAC5672IPFBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5672IPFBR TI-DAC5672IPFBR Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
More results

同様の説明 - DAC5672IPFBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com