データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F109SJ データシート(PDF) 5 Page - Texas Instruments

部品番号 74F109SJ
部品情報  Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74F109SJ データシート(HTML) 5 Page - Texas Instruments

  74F109SJ Datasheet HTML 1Page - Texas Instruments 74F109SJ Datasheet HTML 2Page - Texas Instruments 74F109SJ Datasheet HTML 3Page - Texas Instruments 74F109SJ Datasheet HTML 4Page - Texas Instruments 74F109SJ Datasheet HTML 5Page - Texas Instruments 74F109SJ Datasheet HTML 6Page - Texas Instruments 74F109SJ Datasheet HTML 7Page - Texas Instruments 74F109SJ Datasheet HTML 8Page - Texas Instruments 74F109SJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
−55˚C to +175˚C
Plastic
−55˚C to +150˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 4)
−0.5V to +7.0V
Input Current (Note 4)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with V
CC = 0V)
Standard Output
−0.5V to V
CC
TRI-STATE® Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
ESD Last Passing Voltage (Min)
4000V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Commercial
0˚C to +70˚C
Supply Voltage
Military
+4.5V to +5.5V
Commercial
+4.5V to +5.5V
Note 3: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
54F/74F
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH
54F 10% V
CC
2.5
I
OH = −1 mA
Voltage
74F 10% V
CC
2.5
V
Min
I
OH = −1 mA
74F 5% V
CC
2.7
I
OH = −1 mA
V
OL
Output LOW
54F 10% V
CC
0.5
V
Min
I
OL = 20 mA
Voltage
74F 10% V
CC
0.5
I
OL = 20 mA
I
IH
Input HIGH
54F
20.0
µA
Max
V
IN = 2.7V
Current
74F
5.0
I
BVI
Input HIGH Current
54F
100
µA
Max
V
IN = 7.0V
Breakdown Test
74F
7.0
I
CEX
Output HIGH
54F
250
µA
Max
V
OUT = VCC
Leakage Current
74F
50
V
ID
Input Leakage
74F
4.75
V
0.0
I
ID = 1.9 µA
Test
All Other Pins Grounded
I
OD
Output Leakage
74F
3.75
µA
0.0
V
IOD = 150 mV
Circuit Current
All Other Pins Grounded
I
IL
Input LOW Current
−0.6
mA
Max
V
IN = 0.5V (Jn,Kn)
−1.8
mA
Max
V
IN = 0.5V (CDn,SDn)
I
OS
Output Short-Circuit Current
−60
−150
mA
Max
V
OUT = 0V
I
CC
Power Supply Current
11.7
17.0
mA
Max
CP = 0V
AC Electrical Characteristics
See Section 0 for Waveforms and Load Configurations
74F
54F
74F
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Fig.
Symbol
Parameter
V
CC = +5.0V
C
L = 50 pF
C
L = 50 pF
Units
No.
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
f
max
Maximum Clock
Frequency
100
125
70
90
MHz
kk-kk
PrintDate=1997/08/28 PrintTime=11:45:27 10182 ds009471 Rev. No. 1
cmserv
Proof
4
DSXXX
DSXXX
www.national.com
4


同様の部品番号 - 74F109SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F109SJ NSC-74F109SJ Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109SJ FAIRCHILD-74F109SJ Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109SJ FAIRCHILD-74F109SJ Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

同様の説明 - 74F109SJ

メーカー部品番号データシート部品情報
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com