データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11593DWR データシート(PDF) 8 Page - Texas Instruments

部品番号 74AC11593DWR
部品情報  8-BIT BINARY COUNTER WITH 3-STATE I/O INPUT REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11593DWR データシート(HTML) 8 Page - Texas Instruments

Back Button 74AC11593DWR Datasheet HTML 3Page - Texas Instruments 74AC11593DWR Datasheet HTML 4Page - Texas Instruments 74AC11593DWR Datasheet HTML 5Page - Texas Instruments 74AC11593DWR Datasheet HTML 6Page - Texas Instruments 74AC11593DWR Datasheet HTML 7Page - Texas Instruments 74AC11593DWR Datasheet HTML 8Page - Texas Instruments 74AC11593DWR Datasheet HTML 9Page - Texas Instruments 74AC11593DWR Datasheet HTML 10Page - Texas Instruments 74AC11593DWR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74AC11593
8BIT BINARY COUNTER
WITH 3STATE I/O INPUT REGISTERS
SCAS202 − MARCH 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−8
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
70
70
MHz
tPLH
CCK
Q
4.1
8.7
12.4
4.1
14.3
ns
tPHL
CCK
Q
4.2
8.9
12.6
4.2
14.2
ns
tPLH
CLOAD
Q
3.7
10
15.3
3.7
17.4
ns
tPHL
CLOAD
Q
3.4
11.4
18.3
3.4
20.6
ns
tPHL
CCLR
Q
3.3
7.9
11.8
3.3
13.4
ns
tPZH
OE
Q
4.1
9.1
13.2
4.1
15.3
ns
tPZL
OE
Q
4.1
9.4
13.8
4.1
16
ns
tPZH
OE
Q
3.8
8.7
13
3.8
15
ns
tPZL
OE
Q
3.9
9.1
13.4
3.9
15.4
ns
tPHZ
OE
Q
4.2
7.6
10.6
4.2
11.6
ns
tPLZ
OE
Q
5.3
8.8
11.8
5.3
13.1
ns
tPHZ
OE
Q
4.4
7.3
10.1
4.4
11
ns
tPLZ
OE
Q
5.2
8.5
11.6
5.2
13
ns
tPLH
CCK
RCO
3.5
7.6
11.2
3.5
12.8
ns
tPHL
CCK
RCO
4.1
9.2
13.4
4.1
15.4
ns
tPLH
CLOAD
RCO
3.5
7.8
11.2
3.5
12.8
ns
tPHL
CLOAD
RCO
5.6
11.7
16.6
5.6
19
ns
tPLH
CCLR
RCO
3.6
8
11.6
3.6
13.4
ns
tPLH
RCK
RCO
5
10.3
14.4
5
16.7
ns
tPHL
RCK
RCO
5.5
11.7
16.6
5.5
19.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 1 MHz
66
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 1 MHz
15
pF


同様の部品番号 - 74AC11593DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590 TI1-74AC11590 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI-74AC11590DW Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI1-74AC11590DW Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DWR TI-74AC11590DWR Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

同様の説明 - 74AC11593DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11593 TI-74ACT11593 Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74ACT11593 TI1-74ACT11593_09 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Texas Instruments
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com