データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11873 データシート(PDF) 1 Page - Texas Instruments

部品番号 74AC11873
部品情報  DUAL 4-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11873 データシート(HTML) 1 Page - Texas Instruments

  74AC11873 Datasheet HTML 1Page - Texas Instruments 74AC11873 Datasheet HTML 2Page - Texas Instruments 74AC11873 Datasheet HTML 3Page - Texas Instruments 74AC11873 Datasheet HTML 4Page - Texas Instruments 74AC11873 Datasheet HTML 5Page - Texas Instruments 74AC11873 Datasheet HTML 6Page - Texas Instruments 74AC11873 Datasheet HTML 7Page - Texas Instruments 74AC11873 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AC11873
DUAL 4BIT DTYPE LATCH
WITH 3STATE OUTPUTS
SCAS095 − JANUARY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
3-State Buffer-Type Outputs Drive Bus
Lines Directly
Bus-Structured Pinout
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
description
This dual 4-bit transparent D-type latch features
3-state outputs designed specifically for bus
driving. This makes these devices particularly
suitable for implementing buffer registers, I/O
ports, bidirectional bus drivers, and working
registers.
When the latch-enable (1LE or 2LE) input is high, the Q outputs will follow the data (D) inputs in true form,
according to the function table. When LE is taken low, the outputs will be latched. When the clear (1CLR or
2CLR) input goes low, the Q outputs go low independently of LE. The outputs are in a high-impedance state
when the output-control (1OC or 2OC) input is at a high logic level.
The 74AC11873 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each 4-bit latch)
INPUTS
OUTPUT
OC
CLR
LE
D
OUTPUT
Q
L
L
X
X
L
L
HH
H
H
L
HH
L
L
L
HL
X
Q0
H
X
X
X
Z
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1LE
1Q1
1Q2
1Q3
1Q4
GND
GND
GND
GND
2Q1
2Q2
2Q3
2Q4
2LE
1OC
1CLR
1D1
1D2
1D3
1D4
VCC
VCC
2D1
2D2
2D3
2D4
2CLR
2OC
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - 74AC11873

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11873D PHILIPS-74AC11873D Datasheet
337Kb / 12P
   SIGNETICS
October 17 1990
74AC11873N PHILIPS-74AC11873N Datasheet
337Kb / 12P
   SIGNETICS
October 17 1990
More results

同様の説明 - 74AC11873

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11873 TI1-74ACT11873 Datasheet
114Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54ALS880A TI-SN54ALS880A Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ALS873B TI-SNJ54ALS873B Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS873B TI-SN54ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS880ANT TI-SN74ALS880ANT Datasheet
89Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AVC16373 TI-SN74AVC16373 Datasheet
167Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVCH32373A TI-SN74LVCH32373A Datasheet
130Kb / 9P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com