データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6100151 データシート(PDF) 3 Page - Semikron International

部品番号 L6100151
部品情報  Board 3s SKYPER 32 R
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIKRON [Semikron International]
ホームページ  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100151 データシート(HTML) 3 Page - Semikron International

  L6100151 Datasheet HTML 1Page - Semikron International L6100151 Datasheet HTML 2Page - Semikron International L6100151 Datasheet HTML 3Page - Semikron International L6100151 Datasheet HTML 4Page - Semikron International L6100151 Datasheet HTML 5Page - Semikron International L6100151 Datasheet HTML 6Page - Semikron International L6100151 Datasheet HTML 7Page - Semikron International L6100151 Datasheet HTML 8Page - Semikron International L6100151 Datasheet HTML 9Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Board 3s SKYPER
® 32 R - Technical Explanations
3
2010-04-21 – Rev01
© by SEMIKRON
Application and Handling Instructions
Please provide for static discharge protection during handling. As long as the hybrid driver is not completely assembled,
the input terminals have to be short-circuited. Persons working with devices have to wear a grounded bracelet. Any
synthetic floor coverings must not be statically chargeable. Even during transportation the input terminals have to be
short-circuited using, for example, conductive rubber. Worktables have to be grounded. The same safety requirements
apply to MOSFET- and IGBT-modules.
Any parasitic inductances within the DC-link have to be minimised. Over-voltages may be absorbed by C- or RCD-
snubber networks between main terminals for PLUS and MINUS of the power module.
When first operating a newly developed circuit, SEMIKRON recommends to apply low collector voltage and load current
in the beginning and to increase these values gradually, observing the turn-off behaviour of the free-wheeling diode and
the turn-off voltage spikes generated across the IGBT. An oscillographic control will be necessary. Additionally, the case
temperature of the module has to be monitored. When the circuit works correctly under rated operation conditions,
short-circuit testing may be done, starting again with low collector voltage.
It is important to feed any errors back to the control circuit and to switch off the device immediately in failure events.
Repeated turn-on of the IGBT into a short circuit with a high frequency may destroy the device.
The inputs of the hybrid driver are sensitive to over-voltage. Voltages higher than VS +0,3V or below -0,3V may destroy
these inputs. Therefore, control signal over-voltages exceeding the above values have to be avoided.
The connecting leads between hybrid driver and the power module should be as short as possible (max. 20cm), the
driver leads should be twisted.
Further application support
Latest information is available at http://www.semikron.com. For design support please read the SEMIKRON Application
Manual Power Modules available at http://www.semikron.com.
General Description
The Board 3s SKYPER
® 32 R is an adaptor board for the IGBT module SEMiX® 3s (spring contact version). The board can
be customized allowing adaptation and optimization to the used SEMiX
® Module.
The switching characteristic of the IGBT can be influenced through user settings, e.g. changing turn-on and turn-off speed
by variation of RGon and RGoff. Furthermore, it is possible to adjust the monitoring level and blanking time for the DSCP (see
Technical Explanations SKYPER
® 32 R).
Board 3s SKYPER
® 32 R
Please note:
This technical explanation is based on the Technical Explanations for SKYPER
® 32 R. Please read the Technical Explanations
SKYPER
® 32 R before using the Adaptor Board.
Please note:
All values in this technical explanation are typical values. Typical values are the average values expected in large quantities and are
provided for information purposes only. These values can and do vary in different applications. All operating parameters should be
validated by user’s technical experts for each application.


同様の部品番号 - L6100151

メーカー部品番号データシート部品情報
logo
Semikron International
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
More results

同様の説明 - L6100151

メーカー部品番号データシート部品情報
logo
Semikron International
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com