データシートサーチシステム |
|
54ACT16475 データシート(PDF) 7 Page - Texas Instruments |
|
54ACT16475 データシート(HTML) 7 Page - Texas Instruments |
7 / 8 page 54ACT16475, 74ACT16475 18BIT REGISTERED TRANSCEIVERS WITH 3STATE OUTPUTS SCAS198A − OCTOBER 1990 − REVISED APRIL 1996 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per transceiver Outputs enabled CL = 50 pF, f = 1 MHz 27 pF Cpd Power dissipation capacitance per transceiver Outputs disabled CL = 50 pF, f = 1 MHz 9 pF PARAMETER MEASUREMENT INFORMATION 50% VCC 1.5 V 1.5 V 1.5 V 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS Data Input tPLH tPHL tPHL tPLH VOH VOH VOL VOL 1.5 V 1.5 V 3 V 0 V 50% VCC 50% VCC Input Out-of-Phase Output In-Phase Output Timing Input 50% VCC VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V [ VCC 0 V 50% VCC 20% VCC 50% VCC 80% VCC [ 0 V 3 V GND Open VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 3 V 0 V 1.5 V 1.5 V tw VOLTAGE WAVEFORMS Input NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
同様の部品番号 - 54ACT16475 |
|
同様の説明 - 54ACT16475 |