データシートサーチシステム |
|
54ACT16864 データシート(PDF) 1 Page - Texas Instruments |
|
54ACT16864 データシート(HTML) 1 Page - Texas Instruments |
1 / 6 page 54ACT16864, 74ACT16864 18BIT BUS TRANSCEIVERS WITH 3STATE OUTPUTS SCAS244A − JUNE 1992 − REVISED APRIL 1996 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 D Members of the Texas Instruments Widebus Family D Inputs Are TTL-Voltage Compatible D 3-State Outputs Drive Bus Lines Directly D Flow-Through Architecture Optimizes PCB Layout D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D EPIC (Enhanced-Performance Implanted CMOS) 1- µm Process D 500-mA Typical Latch-Up Immunity at 125 °C D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) Packages Using 25-mil Center-to-Center Pin Spacings and 380-mil Fine-Pitch Ceramic Flat (WD) Packages Using 25-mil Center-to-Center Spacings description The ’ACT16864 are 18-bit inverting transceivers designed for asynchronous communication between data buses. The control-function implementation minimizes external timing requirements. The ’ACT16864 can be used as two 9-bit transceivers or one 18-bit transceiver. They allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the output-enable (OEAB or OEBA) inputs. The 74ACT16864 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and functionality of standard small-outline packages in the same printed-circuit-board area. The 54ACT16864 is characterized for operation over the full military temperature range of −55 °C to 125°C. The 74ACT16864 is characterized for operation from −40 °C to 85°C. FUNCTION TABLE (each 9-bit section) INPUTS OPERATION OEAB OEBA OPERATION H L B data to A bus L HA data to B bus H H Isolation Copyright 1996, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and WIdebus are trademarks of Texas Instruments Incorporated. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1OEAB 1B1 1B2 GND 1B3 1B4 VCC 1B5 1B6 1B7 GND 1B8 1B9 GND GND 2B1 2B2 GND 2B3 2B4 2B5 VCC 2B6 2B7 GND 2B8 2B9 2OEAB 1OEBA 1A1 1A2 GND 1A3 1A4 VCC 1A5 1A6 1A7 GND 1A8 1A9 GND GND 2A1 2A2 GND 2A3 2A4 2A5 VCC 2A6 2A7 GND 2A8 2A9 2OEBA 54ACT16864 . . . DW PACKAGE 74ACT16864 . . . DL PACKAGE (TOP VIEW) |
同様の部品番号 - 54ACT16864 |
|
同様の説明 - 54ACT16864 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |