データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC430F6147IRGCT データシート(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC430F6147IRGCT
部品情報  MSP430 SoC With RF Core
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6147IRGCT データシート(HTML) 48 Page - Texas Instruments

Back Button CC430F6147IRGCT Datasheet HTML 44Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 45Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 46Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 47Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 48Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 49Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 50Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 51Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
VOH - High-Level Output Voltage - V
VCC = 3.0 V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
VOH - High-Level Output Voltage - V
VDD = 5.5 V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
3.5
VOL - Low -Level Output Voltage - V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
0
5
10
15
20
25
0
0.5
1
1.5
2
VOL - Low -Level Output Voltage - V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F614x
CC430F514x
CC430F512x
SLAS555 – JUNE 2012
www.ti.com
Typical Characteristics - Outputs, Full Drive Strength (PxDS.y = 1)
TYPICAL LOW-LEVEL OUTPUT CURRENT
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
TYPICAL HIGH-LEVEL OUTPUT CURRENT
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 14.
Figure 15.
48
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


同様の部品番号 - CC430F6147IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC430F6147IRGCT TI-CC430F6147IRGCT Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
More results

同様の説明 - CC430F6147IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com