データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC430F6147IRGCT データシート(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC430F6147IRGCT
部品情報  MSP430 SoC With RF Core
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6147IRGCT データシート(HTML) 69 Page - Texas Instruments

Back Button CC430F6147IRGCT Datasheet HTML 65Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 66Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 67Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 68Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 69Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 70Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 71Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 72Page - Texas Instruments CC430F6147IRGCT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F614x
CC430F514x
CC430F512x
www.ti.com
SLAS555 – JUNE 2012
Current Consumption, Receive Mode
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1) (2)
DATA
FREQUENCY
PARAMETER
RATE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(MHz)
(kBaud)
Input at -100 dBm (close
17
to sensitivity limit)
1.2
Input at -40 dBm (well
16
above sensitivity limit)
Input at -100 dBm (close
17
to sensitivity limit)
Register settings optimized
315
38.4
for reduced current
Input at -40 dBm (well
16
above sensitivity limit)
Input at -100 dBm (close
18
to sensitivity limit)
250
Input at -40 dBm (well
16.5
above sensitivity limit)
Input at -100 dBm (close
18
to sensitivity limit)
1.2
Input at -40 dBm (well
17
above sensitivity limit)
Input at -100 dBm (close
18
Current
to sensitivity limit)
Register settings optimized
consumption,
433
38.4
mA
for reduced current
Input at -40 dBm (well
RX
17
above sensitivity limit)
Input at -100 dBm (close
18.5
to sensitivity limit)
250
Input at -40 dBm (well
17
above sensitivity limit)
Input at -100 dBm (close
16
to sensitivity limit)
1.2
Input at -40 dBm (well
15
above sensitivity limit)
Input at -100 dBm (close
16
to sensitivity limit)
Register settings optimized
868, 915
38.4
for reduced current(3)
Input at -40 dBm (well
15
above sensitivity limit)
Input at -100 dBm (close
16
to sensitivity limit)
250
Input at -40 dBm (well
15
above sensitivity limit)
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 49).
(2)
Reduced current setting (MDMCFG2.DEM_DCFILT_OFF = 1) gives a slightly lower current consumption at the cost of a reduction in
sensitivity. See tables "RF Receive" for additional details on current consumption and sensitivity.
(3)
For 868 or 915 MHz, see Figure 23 for current consumption with register settings optimized for sensitivity.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
69


同様の部品番号 - CC430F6147IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC430F6147IRGCT TI-CC430F6147IRGCT Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
More results

同様の説明 - CC430F6147IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com