データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT574QPWREP データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT574QPWREP
部品情報  HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT574QPWREP データシート(HTML) 4 Page - Texas Instruments

  CD74HCT574QPWREP Datasheet HTML 1Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 2Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 3Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 4Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 5Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 6Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 7Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 8Page - Texas Instruments CD74HCT574QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD74HCT574EP
HIGHSPEED CMOS LOGIC OCTAL DTYPE FLIPFLOP
3STATE, POSITIVEEDGE TRIGGERED
SCLS571 − FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
IO
(mA)
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
O
(mA)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
CMOS loads
−0.02
4.5 V
4.4
4.4
V
VOH
VI = VIH or VIL
TTL loads
−6
4.5 V
3.98
3.7
V
VOL
VI = VIH or VIL
CMOS loads
0.02
4.5 V
0.1
0.1
V
VOL
VI = VIH or VIL
TTL loads
6
4.5 V
0.26
0.4
V
II
VI = VCC or GND
0
5.5 V
±0.1
±1
µA
IOZ
VI = VIL or VIH,
VO = VCC or GND
6 V
±0.5
±10
µA
ICC
VI = VCC or GND
0
5.5 V
8
160
µA
∆ICC
VI = VCC − 2.1 V,
See Note 4
4.5 V
to
5.5 V
100
360
490
µA
CIN
CL = 50 pF
10
10
pF
COUT
3-state
20
20
pF
NOTE 4: For dual-supply systems, theoretical worst-case (VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
HCT input loading
TYPE
INPUT
UNIT LOADS†
D0−D7
0.4
’574
CP
0.75
’574
OE
0.6
† Unit load is ∆ICC limit specified in electrical
characteristics table, e.g., 360
µA max at 25°C.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
VCC
MIN
MAX
MIN
MAX
UNIT
fmax
Maximum clock frequency
4.5 V
30
20
MHz
tw
Clock pulse duration
4.5 V
16
24
ns
tsu
Setup time, data before clock
4.5 V
12
18
ns
th
Hold time, data after clock
4.5 V
5
5
ns


同様の部品番号 - CD74HCT574QPWREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT574QPWRG4Q1 TI1-CD74HCT574QPWRG4Q1 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD74HCT574QPWRQ1 TI-CD74HCT574QPWRQ1 Datasheet
210Kb / 10P
[Old version datasheet]   HIGH-SPEED COMS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE, POSITIVE-EDGE RIGGERED
CD74HCT574QPWRQ1 TI1-CD74HCT574QPWRQ1 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
More results

同様の説明 - CD74HCT574QPWREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI1-CD54HC374_16 Datasheet
1Mb / 22P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com