データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC421A100 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDC421A100
部品情報  Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421A100 データシート(HTML) 7 Page - Texas Instruments

Back Button CDC421A100 Datasheet HTML 3Page - Texas Instruments CDC421A100 Datasheet HTML 4Page - Texas Instruments CDC421A100 Datasheet HTML 5Page - Texas Instruments CDC421A100 Datasheet HTML 6Page - Texas Instruments CDC421A100 Datasheet HTML 7Page - Texas Instruments CDC421A100 Datasheet HTML 8Page - Texas Instruments CDC421A100 Datasheet HTML 9Page - Texas Instruments CDC421A100 Datasheet HTML 10Page - Texas Instruments CDC421A100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CDC421AXXX
www.ti.com ....................................................................................................................................................................................................... SCAS875 – MAY 2009
Table 6. Phase Noise Data with LVCMOS Input of 31.2500 MHz and LVPECL Output at 250.00 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–105
dBc/Hz
phn1k
Phase noise at 1 kHz
–112
dBc/Hz
phn10k
Phase noise at 10 kHz
–121
dBc/Hz
phn100k
Phase noise at 100 kHz
–124
dBc/Hz
phn1M
Phase noise at 1 MHz
–134
dBc/Hz
phn10M
Phase noise at 10 MHz
–148
dBc/Hz
phn20M
Phase noise at 20 MHz
–149
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
420
fs
Tj
Total jitter
36.98
ps
Dj
Deterministic jitter
18.52
ps
(1)
Phase noise specifications under following conditions: input frequency = 31.2500 MHz, output frequency = 250.00 MHz.
Table 7. Phase Noise Data with LVCMOS Input of 31.2500 MHz and LVPECL Output at 312.50 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–102
dBc/Hz
phn1k
Phase noise at 1 kHz
–111
dBc/Hz
phn10k
Phase noise at 10 kHz
–120
dBc/Hz
phn100k
Phase noise at 100 kHz
–123
dBc/Hz
phn1M
Phase noise at 1 MHz
–135
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
378
fs
Tj
Total jitter
29.82
ps
Dj
Deterministic jitter
11
ps
(1)
Phase noise specifications under following conditions: input frequency = 31.2500 MHz, output frequency = 312.50 MHz.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7


同様の部品番号 - CDC421A100

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

同様の説明 - CDC421A100

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com