データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE421ARGER データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCE421ARGER
部品情報  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGER データシート(HTML) 4 Page - Texas Instruments

  CDCE421ARGER Datasheet HTML 1Page - Texas Instruments CDCE421ARGER Datasheet HTML 2Page - Texas Instruments CDCE421ARGER Datasheet HTML 3Page - Texas Instruments CDCE421ARGER Datasheet HTML 4Page - Texas Instruments CDCE421ARGER Datasheet HTML 5Page - Texas Instruments CDCE421ARGER Datasheet HTML 6Page - Texas Instruments CDCE421ARGER Datasheet HTML 7Page - Texas Instruments CDCE421ARGER Datasheet HTML 8Page - Texas Instruments CDCE421ARGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ELECTRICAL CHARACTERISTICS
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Over recommended operating conditions (unless otherwise noted).
CDCE421A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3.00
3.30
3.60
V
IVDD (LVDS)
Total current
LVDS Mode
83
103
mA
IVDD (LVPECL) Total current
LVPECL Mode
91
110
mA
fIN = 27.35 MHz, fOUT = 109.4 MHz,
tS
Start-up time
4
ms
Power Supply Ramp Time = 1 ms
LVDS Output Mode (See Figure 2 and Figure 4)
fCLK
Output frequency
10.9
400
MHz
|VOD|
LVDS differential output voltage
RL = 100 Ω
247
454
mV
ΔVOD
LVDS VOD magnitude change
50
mV
VOS
Offset voltage
–40°C to +85°C
1.1
1.3
V
ΔVOS
VOS magnitude change
50
mV
tR
Output rise time
20% to 80% of VOUT(PP)
230
ps
tF
Output fall time
20% to 80% of VOUT(PP)
230
ps
Short VOUT+ to ground, VOUT = 0 V
30
mA
IOS
Short-circuit output current
Short VOUT– to ground, VOUT = 0 V
30
mA
Duty cycle of the output waveform
45
55
%
tj, RMS
RMS jitter
10 kHz to 20 MHz
1
ps, RMS
LVPECL Output Mode (See Figure 3 and Figure 5)
fCLK
Output frequency
10.9
1175
MHz
VOH
LVPECL high-level output voltage
VCC – 1.2
VCC – 0.81
V
VOL
LVPECL low-level output voltage
VCC – 2.17
VCC – 1.36
V
|VOD|
LVPECL differential output voltage
407
1076
mV
tR
Output rise time
20% to 80% of VOUT(PP)
230
ps
tF
Output fall time
20% to 80% of VOUT(PP)
230
ps
Duty cycle of the output waveform
45
55
%
tj, RMS
RMS jitter
10 kHz to 20 MHz
1
ps, RMS
LVCMOS Input
VIL, CMOS
Low-level CMOS input voltage
VDD = 3.3 V
0.3 × VCC
V
VIH, CMOS
High-level CMOS input voltage
VDD = 3.3 V
0.7 × VCC
V
IL, CMOS
Low-level CMOS input current
VDD = VDD, max, VIL = 0.0 V
–200
µA
IH, CMOS
High-level CMOS input current
VDD = VDD, min, VIH = 3.7 V
200
µA
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A


同様の部品番号 - CDCE421ARGER

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI-CDCE421RGER Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI1-CDCE421RGER Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGERG4 TI-CDCE421RGERG4 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

同様の説明 - CDCE421ARGER

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com