データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE431Y データシート(PDF) 7 Page - Texas Instruments

部品番号 CDCE431Y
部品情報  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE431Y データシート(HTML) 7 Page - Texas Instruments

Back Button CDCE431Y Datasheet HTML 3Page - Texas Instruments CDCE431Y Datasheet HTML 4Page - Texas Instruments CDCE431Y Datasheet HTML 5Page - Texas Instruments CDCE431Y Datasheet HTML 6Page - Texas Instruments CDCE431Y Datasheet HTML 7Page - Texas Instruments CDCE431Y Datasheet HTML 8Page - Texas Instruments CDCE431Y Datasheet HTML 9Page - Texas Instruments CDCE431Y Datasheet HTML 10Page - Texas Instruments CDCE431Y Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Device Setup Example
f
=
XTAL
1
20
´ 622.08=31.154MHz
(2)
Serial Interface and Control
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
The following example illustrates the process to calculate the required AT-cut crystal frequency that is needed to
generate a desired output frequency.
Assume we need to generate an output frequency of 622.08MHz. We use Table 3 to find that the desired output
frequency lies between 583.5 and 680.0MHz.
Table 3. Crystal Frequency Selection and Device Settings (Selection)
DESIRED OUTPUT
REQUIRED INPUT CRYSTAL
FREQUENCY (MHz)
FREQUENCY (MHz)
VCO
OUTPUT
PRESCALER
FEEDBACK
From
To
From
To
SELECTION
DIVIDER
SETTING
DIVIDER(1)
680.0
766.7
34.000
38.333
VCO 2
1
3
20
583.5
680.0
29.174
34.000
VCO 1
1
3
20
510.0
587.5
31.875
36.719
VCO 2
1
4
16
(1)
Feedback divider is set automatically with respect to the prescaler setting.
This frequency value means that the device must be configured in the following way:
VCO: VCO1
Output divider: 1
Prescaler setting: 3
To determine the correct crystal frequency required to achieve 622.08 MHz with these settings, we use
Equation 2, explained earlier in this data sheet.
Thus, the AT-cut frequency should be 31.154 MHz (that is, between 29.174 MHz and 34.000 MHz, as shown in
Table 3).
The CDCE421A uses a unique, TI-proprietary interface protocol that can be configured and programmed via a
single input pin to the device. The architecture enables only writing to the device from this input pin. Reading the
content of a register can be achieved by sending a read command on the input pin and monitoring the desired
output pins (LVDS or LVPECL). In cases where the output pins cannot be used to read the content, the software
that controls the interface must account for what is written to the EEPROM and when it is programmed.
Monitoring the outputs verifies the programming modes; cycling the power on the device verifies that the
EEPROM contains the proper configuration.
The CDCE421A can be configured and programmed via the SDATA input pin. For this purpose, a pulse-code
shaped programming sequence must be written to the device as described in the EEPROM Programming
section. During the EEPROM programming phase, the device requires a stable supply voltage (VDD) of 3.3 V
±300 mV for securely writing to the EEPROM cells. After each Write to WordX instruction, the written data are
latched, made effective, and offer look-ahead before the actual data are stored into the EEPROM.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE421A


同様の部品番号 - CDCE431Y

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE401YS TI-CDCE401YS Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI-CDCE421RGER Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

同様の説明 - CDCE431Y

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27