データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8137YR-REEL7 データシート(PDF) 10 Page - Aavid, Thermal Division of Boyd Corporation

部品番号 AD8137YR-REEL7
部品情報  Low Cost, Low Power, Differential ADC Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAVID [Aavid, Thermal Division of Boyd Corporation]
ホームページ  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YR-REEL7 データシート(HTML) 10 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YR-REEL7 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8137
Data Sheet
Rev. E | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Inverting Input.
2
VOCM
An internal feedback loop drives the output common-mode voltage to be equal to the voltage applied to
the VOCM pin, provided the operation of the amplifier remains linear.
3
VS+
Positive Power Supply Voltage.
4
+OUT
Positive Side of the Differential Output.
5
−OUT
Negative Side of the Differential Output.
6
VS−
Negative Power Supply Voltage.
7
PD
Power Down.
8
+IN
Noninverting Input.
EPAD
Exposed paddle may be connected to either ground plane or power plane.


同様の部品番号 - AD8137YR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

同様の説明 - AD8137YR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com