データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM7005HFGMPR データシート(PDF) 9 Page - Texas Instruments

部品番号 CDCM7005HFGMPR
部品情報  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005HFGMPR データシート(HTML) 9 Page - Texas Instruments

Back Button CDCM7005HFGMPR Datasheet HTML 5Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 6Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 7Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 8Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 9Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 10Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 11Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 12Page - Texas Instruments CDCM7005HFGMPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
1.00
10.00
100.00
80
90
100
110
120
130
140
150
160
Continuous TJ (°C)
1. See data sheet for absolute maximum and minimum recommended operating
conditions.
2. Silicon operating life design goal is 10 years at 105°C junction temperture
(does not include package interconnect life).
CDCM7005-SP
www.ti.com
SGLS390E – JULY 2009 – REVISED AUGUST 2012
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Temperature = 25°C, 0.5 V < VCP <
-10
10
VCC_CP – 0.5 V
ICP3St
Charge pump 3-state current
nA
Temperature = -55°C to 125°C, 0.5 V <
-50
50
VCP < VCC_CP – 0.5 V
VCP = 0.5 VCC_CP, internal reference
-20%
10%
20%
resistor, SPI default settings
ICPA
ICP absolute accuracy
VCP = 0.5 VCC_CP, external reference
resistor 12 k
Ω (1%) at I_REF_CP, SPI
5%
default settings
0.5 V < VCP < VCC_CP – 0.5 V, SPI
ICPM
Sink/source current matching
-7%
2.5%
7%
default settings
IVCPM
ICP vs VCP matching
0.5 V < VCP < VCC_CP – 0.5 V
-10%
5%
10%
Figure 1. xxx
xxx
Figure 2. CDCM7005HFG-V - 52/HFG Package
Operating Life Derating Chart
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :CDCM7005-SP


同様の部品番号 - CDCM7005HFGMPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005HFG/EM TI1-CDCM7005HFG/EM Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
More results

同様の説明 - CDCM7005HFGMPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com