データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8275BRMZ-RL データシート(PDF) 11 Page - Aavid, Thermal Division of Boyd Corporation

部品番号 AD8275BRMZ-RL
部品情報  G = 0.2, Level Translation, 16-Bit ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAVID [Aavid, Thermal Division of Boyd Corporation]
ホームページ  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8275BRMZ-RL データシート(HTML) 11 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8275BRMZ-RL Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8275BRMZ-RL Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8275
Rev. A | Page 11 of 16
THEORY OF OPERATION
The AD8275 level translates ±10 V signals at its inputs to 4 V
at its output. It does this by attenuating the input signal by 5.
A subtractor network performs the attenuation, the level shifting,
and the differential-to-single-ended conversion. One benefit of
the subtractor topology is that it can accept input signals
beyond its supply voltage. The subtractor is composed of tightly
matched resistors. By integrating the resistors and trimming the
resistor ratios, the AD8275 achieves 80 dB CMRR and 0.024%
gain error.
INPUT
ESD
REF2
+VS
+VS
+VS
–VS
–VS
+VS
–VS
–VS
+VS
–VS
–VS
OUT
SENSE
50k
7k
7k
50k
20k
20k
10k
2.5V
–IN
+IN
INPUT
ESD
+VS
–VS
REF1
+VS
–VS
Figure 31. AD8275 Simplified Schematic
To achieve a wider input voltage range, the AD8275 uses an
internal 2.5 V voltage bias tied to –VS and two 7 kΩ resistors, as
shown in Figure 31. The resistors help to set the common mode
of the internal amplifier. The benefit of this circuit is that it
extends the input range without causing crossover distortion
typical of amplifiers that have rail-to-rail complementary
transistor inputs. The input range of the internal op amp is
+VS − 0.9 V to −VS + 1.35 V.
–10
–8
–6
600
400
200
0
–200
–400
–600
–4
–2
0
2
4
6
8
10
COMMON-MODE VOLTAGE (V)
Figure 32. AD8275 Does Not Have Crossover Distortion Typical of Rail-to-Rail
Input Amplifiers
The AD8275 employs a balanced, high gain, linear output stage
that adaptively generates current as required, eliminating the
dynamic errors found in other amplifiers. This is useful when
driving SAR ADCs, which can deliver kickback current into the
output of the amplifier. The result is a design that achieves low
distortion, consistent bandwidth, and high slew rate.
BASIC CONNECTION
The basic configurations for the AD8275 are shown in
Figure 33 and Figure 34. In Figure 33, REF1 and REF2 are
tied together. A voltage, VREF, applied to the tied REF1 and
REF2 pins, sets the output voltage level to VREF. For example,
in Figure 33, if VREF = 2 V and the inputs are tied to ground,
the output remains at 2 V.
AD8275
7
4
5
6
8
1
2
50k
0.1µF
50k
20k
20k
10k
3
VINN
+IN
–IN
VINP
REF2
VREF
VOUT
REF1
–VS
+VS
+5V
OUT
SENSE
VOUT =
+ VREF
(VINP) – (VINN)
5
Figure 33. Basic Configuration 1: Shared Reference
In contrast, Figure 34 shows REF1 tied to ground and REF2
tied to VREF. In this example, the two 20 kΩ resistors serve as a
resistor divider, and VREF is divided by 2. For example, if both
inputs of the AD8275 are grounded and VREF = 5 V, the output
is 2.5 V.
AD8275
7
4
5
6
8
1
2
50k
0.1µF
50k
20k
20k
10k
3
VINN
+IN
–IN
VINP
REF2
VREF
VOUT
REF1
–VS
+VS
+5V
OUT
SENSE
VOUT =
+
(VINP) – (VINN)
5
VREF + 0V
2
Figure 34. Basic Configuration 2: Split Reference


同様の部品番号 - AD8275BRMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8275BRMZ-RL AD-AD8275BRMZ-RL Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275BRMZ-RL AD-AD8275BRMZ-RL Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
More results

同様の説明 - AD8275BRMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275 AD-AD8275_16 Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Texas Instruments
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
246Kb / 14P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   16-Bit, 160Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com