データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD16323Q3 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD16323Q3
部品情報  N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16323Q3 データシート(HTML) 9 Page - Texas Instruments

Back Button CSD16323Q3 Datasheet HTML 4Page - Texas Instruments CSD16323Q3 Datasheet HTML 5Page - Texas Instruments CSD16323Q3 Datasheet HTML 6Page - Texas Instruments CSD16323Q3 Datasheet HTML 7Page - Texas Instruments CSD16323Q3 Datasheet HTML 8Page - Texas Instruments CSD16323Q3 Datasheet HTML 9Page - Texas Instruments CSD16323Q3 Datasheet HTML 10Page - Texas Instruments CSD16323Q3 Datasheet HTML 11Page - Texas Instruments CSD16323Q3 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CSD16323Q3
www.ti.com
SLPS224B
– AUGUST 2009 – REVISED NOVEMBER 2011
REVISION HISTORY
Changes from Original (August 2009) to Revision A
Page
Changed RDS(on) - VGS = 3V, ID = 24A MAX value From: 6.5 To: 7.2 ................................................................................... 2
Deleted the Package Marking Information section ............................................................................................................... 8
Changes from Revision A (April 2010) to Revision B
Page
Replaced the THERMAL CHARACTERISTICS table with the new Thermal Information Table .......................................... 3
Replaced Figure 10 - Maximum Safe Operating Area .......................................................................................................... 6
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CSD16323Q3


同様の部品番号 - CSD16323Q3

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
CSD16323Q3 VBSEMI-CSD16323Q3 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Texas Instruments
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results

同様の説明 - CSD16323Q3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com