データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD25401Q3 データシート(PDF) 1 Page - Texas Instruments

部品番号 CSD25401Q3
部品情報  P-Channel NexFET??Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25401Q3 データシート(HTML) 1 Page - Texas Instruments

  CSD25401Q3 Datasheet HTML 1Page - Texas Instruments CSD25401Q3 Datasheet HTML 2Page - Texas Instruments CSD25401Q3 Datasheet HTML 3Page - Texas Instruments CSD25401Q3 Datasheet HTML 4Page - Texas Instruments CSD25401Q3 Datasheet HTML 5Page - Texas Instruments CSD25401Q3 Datasheet HTML 6Page - Texas Instruments CSD25401Q3 Datasheet HTML 7Page - Texas Instruments CSD25401Q3 Datasheet HTML 8Page - Texas Instruments CSD25401Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
S
S
S
S
S
5
G
6
D
7
D
8
D
4
3
2
−VGS − GatetoSourceVoltage − V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
10
G006
TC =125 C
°
TC =25 C
°
ID = −10A
Qg − GateCharge − nC
0
1
2
3
4
5
6
0
2
4
6
8
12
16
G003
ID
DS
= −10A
V
= −10V
14
10
7
8
9
10
CSD25401Q3
www.ti.com
SLPS211B – AUGUST 2009 – REVISED OCTOBER 2010
P-Channel NexFET™ Power MOSFETs
Check for Samples: CSD25401Q3
1
FEATURES
Table 1. PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
VDS
Drain to Source Voltage
–20
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5V)
8.8
nC
Low RDS(on)
Qgd
Gate Charge Gate to Drain
2.1
nC
Pb Free Terminal Plating
VGS = –2.5V
13.5
m
RDS(on)
Drain to Source On Resistance
RoHS Compliant
VGS = –4.5V
8.8
m
Halogen Free
Vth
Threshold Voltage
–0.85
V
SON 3.3mm x 3.3mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 3 × 3 Plastic
13-inch
Tape and
DC-DC Converters
CSD25401Q3
2500
Package
reel
Reel
Battery Management
Load Switch
ABSOLUTE MAXIMUM RATINGS
Battery Protection
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain to Source Voltage
–20
V
DESCRIPTION
VGS
Gate to Source Voltage
+12 / -12
V
Continuous Drain Current, TC = 25°C
–60
A
The NexFET™ power MOSFET has been designed
ID
to
minimize
losses
in
power
conversion
load
Continuous Drain Current(1)
–14
A
management applications. The SON 3×3 package
IDM
Pulsed Drain Current, TA = 25°C
(2)
–82
A
offers excellent thermal performance for the size of
PD
Power Dissipation(1)
2.8
W
the package.
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Top View
(1) RqJA = 45°C/W on 1inch
2 Cu (2 oz.) on 0.060" thick FR4 PCB.
(2) Pulse width
≤300µs , duty cycle ≤2%
RDS(ON) vs VGS
Gate Charge
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - CSD25401Q3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3AT TI1-CSD25402Q3AT Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
More results

同様の説明 - CSD25401Q3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16412Q5A TI-CSD16412Q5A Datasheet
346Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com