データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MMA8652FCR1 データシート(PDF) 51 Page - Freescale Semiconductor, Inc

部品番号. MMA8652FCR1
部品情報  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
ダウンロード  77 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo 

MMA8652FCR1 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
51
6.10.3
0x1F TRANSIENT_THS register
The Transient Threshold register sets the threshold limit for the detection of the transient acceleration. The value in the
TRANSIENT_THS register corresponds to a g value, which is compared against the values of high-pass filtered data. If the high-
pass filtered acceleration value exceeds the threshold limit, an event flag is raised and the interrupt is generated (if enabled).
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Figure 43. 0x1F TRANSIENT_THS register (Read/Write)
Table 42. TRANSIENT_THS register
Bit(s)
Field
Description
Notes
7DBCNTM
Debounce counter mode selection
0 Increments or decrements debounce (default)
1 Increments or clears counter
6–0
THS[6:0]
Transient Threshold
A 7-bit unsigned number, with 0.063g/LSB.
The maximum threshold is 8g.
000_0000 (default)
Even if the part is set to full scale at 2g (or 4g), this function
will still operate up to 8g.


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn