データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MMA8652FCR1 データシート(PDF) 53 Page - Freescale Semiconductor, Inc

部品番号. MMA8652FCR1
部品情報  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
ダウンロード  77 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo 

MMA8652FCR1 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
53
6.11
Pulse configuration and status registers
For more information about of how to configure the tap detection and sample code, see application note AN4083, Data
Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers. The tap detection registers are referred to as “Pulse”.
6.11.1
0x21: PULSE_CFG Pulse Configuration register
The PULSE_CFG register configures the event flag for tap detection, enabling/disabling the detection of a single and double
pulse on each of the axes.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
Figure 45. 0x21 PULSE_CFG register (Read/Write)
Table 45. PULSE_CFG register
Bit(s)
Field
Description
Notes
7DPA
Double Pulse Abort
0 Double Pulse detection is not aborted if the start of a pulse is detected during
the time period specified by the PULSE_LTCY register. (default)
1 Setting the DPA bit momentarily suspends the double tap detection if the
start of a pulse is detected during the time period specified by the
PULSE_LTCY register, and the pulse ends before the end of the time period
specified by the PULSE_LTCY register.
6ELE
Pulse event flags are latched into the PULSE_SRC register.
Reading of the PULSE_SRC register clears the event flag.
0 Event detection is disabled (default)
1 Event detection is enabled
5ZDPEFE
Event flag enable for a double pulse event on Z-axis
4
ZSPEFE
Event flag enable for a single pulse event on Z-axis
3YDPEFE
Event flag enable for a double pulse event on Y-axis
2
YSPEFE
Event flag enable for a single pulse event on Y-axis
1XDPEFE
Event flag enable for a double pulse event on X-axis
0
XSPEFE
Event flag enable for a single pulse event on X-axis


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn