データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMA8652FCR1 データシート(PDF) 58 Page - Freescale Semiconductor, Inc

部品番号 MMA8652FCR1
部品情報  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FCR1 データシート(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MMA8652FCR1 Datasheet HTML 54Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 55Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 56Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 57Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 58Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 59Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 60Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 61Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
MMA8652FC
Sensors
58
Freescale Semiconductor, Inc.
6.11.6
0x28 PULSE_WIND register (Read/Write)
Register quick jump table
Bits WIND7 – WIND0 define the maximum interval of time that can elapse after the end of the latency interval, in which the start of
the second pulse event must be detected (provided the device has been configured for double pulse detection). The detected
second pulse width must be shorter than the time limit constraints specified by the PULSE_TMLT register, but the end of the
double pulse need not finish within the time specified by the PULSE_WIND register.
The minimum time step for the pulse window is defined in Table 57 and Table 58. The maximum time is the time step at the ODR,
oversampling mode and LPF filter option multiplied by 255.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WIND7
WIND6
WIND5
WIND4
WIND3
WIND2
WIND1
WIND0
Figure 52. 0x28: PULSE_WIND Second Pulse Time Window register
Table 56. PULSE_WIND register
Bit(s)
Field
Description
7–0
WIND[7:0]
Second Pulse Time Window
0000_0000 (default value)
Table 57. Time Step for PULSE Detection window at ODR and Power mode (Reg 0x0F) Pulse_LPF_EN = 1
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
400
1.276
1.276
1.276
1.276
5
5
5
5
200
2.56
2.56
1.276
2.56
10
10
5
10
100
5.1
5.1
1.276
5.1
20
20
5
20
50
10.2
10.2
1.276
10.2
40
40
5
40
12.5
10.2
40.8
1.276
40.8
40
160
5
160
6.25
10.2
40.8
1.276
81.6
40
160
5
320
1.56
10.2
40.8
1.276
81.6
40
160
5
320
Table 58. Time Step for PULSE Detection window at ODR and Power mode (Reg 0x0F) Pulse_LPF_EN = 0
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
10.2
0.318
20.4
10
40
1.25
80
1.56
2.56
10.2
0.318
20.4
10
40
1.25
80


同様の部品番号 - MMA8652FCR1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MMA8652FCR1 NXP-MMA8652FCR1 Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results

同様の説明 - MMA8652FCR1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
logo
Freescale Semiconductor...
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
   Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
   Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
MMA8491Q FREESCALE-MMA8491Q Datasheet
435Kb / 26P
   Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
   3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
   3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com