データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7551TDRNRQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC7551TDRNRQ1
部品情報  12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7551TDRNRQ1 データシート(HTML) 3 Page - Texas Instruments

  DAC7551TDRNRQ1 Datasheet HTML 1Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 2Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 3Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 4Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 5Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 6Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 7Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 8Page - Texas Instruments DAC7551TDRNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DAC7551-Q1
www.ti.com
SLAS767
– JUNE 2011
ELECTRICAL CHARACTERISTICS
all specifications at
–40°C to +105°C, VDD = 2.7V to 5.5V, VREFH = VDD, VREFL = GND, RL = 2kΩ to GND, and CL = 200pF to
GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
12
Bits
Relative accuracy
±0.35
±1
LSB
Differential nonlinearity
Specified monotonic by design
±0.08
±0.5
LSB
Offset error
±12
mV
Zero-scale error
All zeroes loaded to DAC register
±12
mV
Gain error
±0.15
%FSR
Full-scale error
±0.5
%FSR
Zero-scale error drift
7
μV/°C
ppm of
Gain temperature coefficient
3
FSR/
°C
PSRR
VDD = 5V
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
2 x VREFL
VREFH
V
Output voltage settling time
RL = 2kΩ, 0pF < CL < 200pF
5
μs
Slew rate
1.8
V/
μs
RL = ∞
470
Capacitive load stability
pF
RL = 2kΩ
1000
Digital-to-analog glitch impulse
1 LSB change around major carry
0.1
nV-s
Digital feedthrough
0.1
nV-s
Output noise density
10kHz offset frequency
120
nV/
√Hz
Total harmonic distortion
fOUT = 1kHz, fS = 1MSPS, BW = 20kHz
–85
dB
DC output impedance
1
VDD = 5V
50
Short-circuit current
mA
VDD = 3V
20
Coming out of power-down mode, VDD = 5V
15
Power-up time
μs
Coming out of power-down mode, VDD = 3V
15
REFERENCE INPUT
VREFH Input range
0
VDD
V
VREFL Input range
VREFL < VREFH
0
GND
VDD
V
Reference input impedance
100
k
VREF = VDD = 5V
50
100
Reference current
μA
VREF = VDD = 3V
30
60
LOGIC INPUTS(2)
Input current
±1
μA
VIN_L, Input low voltage
IOVDD ≥ 2.7V
0.3 IOVDD
V
VIN_H, Input high voltage
IOVDD ≥ 2.7V
0.7 IOVDD
V
Pin capacitance
3
pF
(1)
Linearity tested using a reduced code range of 30 to 4065; output unloaded.
(2)
Specified by design and characterization; not production tested. For 1.8V
< IOVDD < 2.7V, it is recommended that VIH ≥ 0.8 IOVDD, and
VIL ≤ 0.2 IOVDD.
Copyright
© 2011, Texas Instruments Incorporated
3


同様の部品番号 - DAC7551TDRNRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7551TDRNRQ1 TI1-DAC7551TDRNRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results

同様の説明 - DAC7551TDRNRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com