データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX240D5R データシート(PDF) 3 Page - Crydom Inc.,

部品番号 CX240D5R
部品情報  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CRYDOM [Crydom Inc.,]
ホームページ  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CX240D5R データシート(HTML) 3 Page - Crydom Inc.,

  CX240D5R Datasheet HTML 1Page - Crydom Inc., CX240D5R Datasheet HTML 2Page - Crydom Inc., CX240D5R Datasheet HTML 3Page - Crydom Inc., CX240D5R Datasheet HTML 4Page - Crydom Inc., CX240D5R Datasheet HTML 5Page - Crydom Inc., CX240D5R Datasheet HTML 6Page - Crydom Inc., CX240D5R Datasheet HTML 7Page - Crydom Inc., CX240D5R Datasheet HTML 8Page - Crydom Inc., CX240D5R Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
I/O Modules & Boards
Quality
Assurance conducts ongoing
product
reliability
verification
tests,
gathering precise data on the quality of our
power semiconductor vendors and the
silicon chips they provide. Additional tests
are performed to meet specific customer
burn-in requirements.
Crydom tests are exhaustive, including
100% verification at final test. After units
are completely assembled, they must pass a
complete set of electrical tests, which are
performed twice, once prior to encapsulation
and then again afterward.
Because of our dedication to quality, Crydom
was one of the first American companies to
achieve full certification to the demanding
standards of ISO 9001. In addition, most
Crydom products are approved by UL, CSA,
VDE, TUV and carry the CE Mark signifying
conformance with the latest European
directives. Certain panel mount and din rail
mount relays carry UL 508A SCCR ratings.
Learn how an alliance with the world leader in
solid state relays can pay off for you. For
details,
call
your
authorized
Crydom
distributor today.
PCB Mount
ASO
ASPF
CMX
CTX
CX/CXE
CX241/MCX241
D2W
DIP
DO/DMO
DPA
LC
LR
LS
MCX/MCXE
MP
MPDCD3
MPF
PF
SDV/SDI
SPA
SPF
UPD
Panel Mount
53TP
D06D
PRG
CS
DUAL/QUAD
PS
CMD/CMA
EZ
Series 1
CW
H12
SMR/SMR-6
D12/D24, A12/A24 HD/HA
SSC
D1D/D2D/D4D/D5D HD60/HA60
Heat Sinks
DC60
NTD/NTA
Accessories
DIN Rail Mount
CKR
CMR
HPF
MS11
Solid State Control Relays
CPV
PCV
DSD/DLD
RPC
LPCV
SST
MC
06
M
SM
C4
Quads
Mounting Boards


同様の部品番号 - CX240D5R

メーカー部品番号データシート部品情報
logo
Crydom Inc.,
CX240D5R CRYDOM-CX240D5R Datasheet
483Kb / 4P
   PCB Mount
CX240D5R CRYDOM-CX240D5R Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results

同様の説明 - CX240D5R

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com