データシートサーチシステム |
|
CX380D5 データシート(PDF) 9 Page - Crydom Inc., |
|
CX380D5 データシート(HTML) 9 Page - Crydom Inc., |
9 / 20 page Panel Mount Solid State Relays - AC Output H12 25-125Amp 480/600 Vac SCR AC Switch Output 1200 Volt Blocking High voltage relays use IC driven circuits for switching loads up to 660 VAC. All models come with 1200 Volts blocking standard. Types CA, CD and WD are snubberless and feature low off-state leakage. UL 508A SCCR Approved, consult Crydom for actual ratings. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk H12WD4825 48-660 .15-25 4-32 15 1.0 250 UL, VDE H12WD4850 48-660 .15-50 4-32 15 1.0 625 UL, CSA, VDE H12WD4875 48-660 .15-75 4-32 15 1.0 1000 VDE H12WD4890 48-660 .15-90 4-32 15 1.0 1200 UL, CSA, VDE H12WD48125 48-660 .15-125 4-32 15 1.0 1750 UL, cUL H12D4825 48-530 .15-25 4-32 15 1.0 250 UL, cUL, VDE H12D4850 48-530 .15-50 4-32 15 1.0 625 UL, CSA, VDE H12D4875 48-530 .15-75 4-32 15 1.0 1000 VDE H12D4890 48-530 .15-90 4-32 15 1.0 1200 UL, CSA, VDE H12CD4825 48-660 .15-25 4-15 15 1.0 250 UL, CSA, VDE H12CD4850 48-660 .15-50 4-15 15 1.0 625 UL, CSA, VDE H12CD4890 48-660 .15-90 4-15 15 1.0 1200 UL, CSA, VDE Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @120Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk H12CA4825 48-660 .15-25 90-140 15 10.0 250 UL, CSA, VDE H12CA4850 48-660 .15-50 90-140 15 10.0 625 UL, CSA, VDE H12CA4890 48-660 .15-90 90-140 15 10.0 1200 UL, CSA, VDE Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec Random turn-on, phase controllable (-10 suffix) CWD, CWA 10-125Amp 120/240/480/600 Vac SCR AC Switch Output Integrated IP20 Fingerproof Cover EMC Compliant Design The CW series offers a SCR AC switch output featuring low off-state leakage (1mA, snubberless), zero cross or random turn-on (-10) switching and a wide operating range (28-280Vrms) for optimum performance at 120V ac and 240Vac line voltages. High thermal ratings with reduced power dissipation result in reduced heat sink requirements for optimum performance. Additional features include; integrated, removable finger-proof cover, LED status indication and user-friendly connectors. UL 508A SCCR Approved, consult Crydom for actual ratings. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 12Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk CWD2410 24-280 .15-10 3-32 10 1.0 400 UL, CSA, VDE CWD2425 24-280 .15-25 3-32 10 1.0 600 UL, CSA, VDE CWD2450 24-280 .15-50 3-32 10 1.0 850 UL, CSA, VDE CWD2490 24-280 .25-90 3-32 10 1.0 1350 UL, CSA, VDE CWD24125 24-280 .25-125 3-32 10 1.0 2000 UL, CSA, VDE CWD4810 48-660 .15-10 4-32 10 1.0 400 UL, CSA, VDE CWD4825 48-660 .15-25 4-32 10 1.0 600 UL, CSA, VDE CWD4850 48-660 .15-50 4-32 10 1.0 850 UL, CSA, VDE CWD4890 48-660 .25-90 4-32 10 1.0 1350 UL, CSA, VDE CWD48125 48-660 .25-125 4-32 10 1.0 2000 UL, cUL Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @120Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk CWA2410 24-280 .15-10 90-280 6.0 10.0 400 UL, CSA, VDE CWA2425 24-280 .15-25 90-280 6.0 10.0 600 UL, CSA, VDE CWA2450 24-280 .15-50 90-280 6.0 10.0 850 UL, CSA, VDE CWA2490 24-280 .25-90 90-280 6.0 10.0 1350 UL, CSA, VDE CWA24125 24-280 .25-125 90-280 6.0 10.0 2000 UL, CSA, VDE CWA4810 48-660 .15-10 90-280 6.0 10.0 400 UL, CSA, VDE CWA4825 48-660 .15-25 90-280 6.0 10.0 600 UL, CSA, VDE CWA4850 48-660 .15-50 90-280 6.0 10.0 850 UL, CSA, VDE CWA4890 48-660 .25-90 90-280 6.0 10.0 1350 UL, CSA, VDE CWA48125 48-660 .25-125 90-280 6.0 10.0 2000 UL, cUL Operating Temperature Range: -40˚C to 80˚C , isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec 24 Vac input versions available (E suffix) HD, HA 12-125Amp 480Vac Zero Voltage or Random Turn-on Ultra Low Control Current Crydom's HD (DC control) and HA (AC control) relays incorporate the same proven technologies as our Series 1. All models come with 1200 volts blocking as standard and are available in either zero-cross or random turn-on and phase controllable (-10) switching versions. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk HD4812 48-530 .04-12 3-32 2.0 1.0 140 UL, CSA, VDE HD4825 48-530 .04-25 3-32 2.0 1.0 250 UL, CSA, VDE HD4850 48-530 .04-50 3-32 2.0 1.0 625 UL, CSA, VDE HD4875 48-530 .04-75 3-32 2.0 1.0 1000 UL, CSA, VDE HD4890 48-530 .04-90 3-32 2.0 1.0 1200 UL, CSA, VDE HD48110 48-530 .15-110 3-32 2.0 1.0 1500 UL, cUL HD48125 48-530 .15-125 3-32 2.0 1.0 1750 UL, cUL Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @120Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk HA4812 48-530 .04-12 90-280 2.0 10.0 140 UL, CSA, VDE HA4825 48-530 .04-25 90-280 2.0 10.0 250 UL, CSA, VDE HA4850 48-530 .04-50 90-280 2.0 10.0 625 UL, CSA, VDE HA4875 48-530 .04-75 90-280 2.0 10.0 1000 UL, CSA, VDE HA4890 48-530 .04-90 90-280 2.0 10.0 1200 UL, CSA, VDE HA48110 48-530 .15-110 90-280 2.0 10.0 1500 UL, cUL HA48125 48-530 .15-125 90-280 2.0 10.0 1750 UL, cUL Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec 24 Vac input versions available (E suffix) SMR, SMR-6 25-90Amp 120/240/480 Vac SCR AC Switch Output Versatile System Monitoring SSR LED Status Indicators, Alarm Output The SMR system monitoring SSR’s offer a wide range of built-in fault condition alarms to the end-user. Loss of voltage, open circuit load, relay damage and loss of DC supply are constantly monitored. LED status indicators complete the package for early detection of equipment problems. SMR-6 models offer the user the capability to configure the relay with either inverting or non-inverting control and alarm. The alarm circuit can sink or source up to 100mA. Line Load Control Control Alarm Surge Voltage Current Voltage Current Output Current Range Range Range @ 12Vdc Current 1-Cycle Vrms Arms Vdc mA mA (max.) Apk SMR2425 60-280 .04-25 8-32 6 100 250 UL, CSA, VDE SMR2450 60-280 .04-50 8-32 6 100 625 UL, CSA, VDE SMR2490 60-280 .04-90 8-32 6 100 1200 UL, CSA, VDE SMR2425-6 60-280 .04-25 8-32 6 100 250 UL, CSA, VDE SMR2450-6 60-280 .04-50 8-32 6 100 625 UL, CSA, VDE SMR2490-6 60-280 .04-90 8-32 6 100 120 UL, CSA, VDE SMR4825-6 96-530 .04-25 8-32 6 100 250 CSA, VDE SMR4850-6 96-530 .04-50 8-32 6 100 625 CSA, VDE SMR4890-6 96-530 .04-90 8-32 6 100 1200 CSA, VDE Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec 9 Other Crydom products and competitive part number cross-reference available at: www.crydom.com |
同様の部品番号 - CX380D5 |
|
同様の説明 - CX380D5 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |