データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL74LV32N データシート(PDF) 2 Page - System Logic Semiconductor

部品番号 SL74LV32N
部品情報  Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLS [System Logic Semiconductor]
ホームページ  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV32N データシート(HTML) 2 Page - System Logic Semiconductor

  SL74LV32N Datasheet HTML 1Page - System Logic Semiconductor SL74LV32N Datasheet HTML 2Page - System Logic Semiconductor SL74LV32N Datasheet HTML 3Page - System Logic Semiconductor SL74LV32N Datasheet HTML 4Page - System Logic Semiconductor SL74LV32N Datasheet HTML 5Page - System Logic Semiconductor SL74LV32N Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL74LV32
2
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Referenced to GND)
-0.5
÷ +5.0
V
IIK *
1
DC input diode current
±20
mA
IOK *
2
DC output diode current
±50
mA
IO *
3
DC output source or sink current
-bus driver outputs
±25
mA
ICC
DC VCC current for types with
- bus driver outputs
±50
mA
IGND
DC GND current for types with
- bus driver outputs
±50
mA
PD
Power dissipation per package, plastic DIP+
SOIC package+
750
500
mW
Tstg
Storage temperature
-65
÷ +150
°C
TL
Lead temperature, 1.5 mm from Case for 10 seconds
(Plastic DIP ), 0.3 mm (SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SOIC Package: : - 8 mW/
°C from 70° to 125°C
*
1: V
I
< -0.5V or V
I
> V
CC+0.5V
*
2: Vo
< -0.5V or Vo > V
CC+0.5V
*
3: -0.5V
< Vo < V
CC+0.5V
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
1.2
3.6
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
0
0
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


同様の部品番号 - SL74LV32N

メーカー部品番号データシート部品情報
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373D SLS-SL74LV373D Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373N SLS-SL74LV373N Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV374 SLS-SL74LV374 Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374D SLS-SL74LV374D Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
More results

同様の説明 - SL74LV32N

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com