データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD39050PU10R データシート(PDF) 1 Page - STMicroelectronics

部品番号 LD39050PU10R
部品情報  500 mA low quiescent current low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PU10R データシート(HTML) 1 Page - STMicroelectronics

  LD39050PU10R Datasheet HTML 1Page - STMicroelectronics LD39050PU10R Datasheet HTML 2Page - STMicroelectronics LD39050PU10R Datasheet HTML 3Page - STMicroelectronics LD39050PU10R Datasheet HTML 4Page - STMicroelectronics LD39050PU10R Datasheet HTML 5Page - STMicroelectronics LD39050PU10R Datasheet HTML 6Page - STMicroelectronics LD39050PU10R Datasheet HTML 7Page - STMicroelectronics LD39050PU10R Datasheet HTML 8Page - STMicroelectronics LD39050PU10R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2009
Rev 1
1/24
24
LD39050xx
500 mA low quiescent current
low noise voltage regulator
Features
Input voltage from 1.5 to 5.5 V
Ultra low dropout voltage (200 mV typ. at 500
mA load)
Very low quiescent current (20 µA typ. at no
load, 100 µA typ. at 500 mA load, 1 µA max in
off mode)
Very low noise without bypass capacitor
Output voltage tolerance: ± 2.0 % @ 25 °C
500 mA guaranteed output current
Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step and
ADJ from 0.8 V
Logic-controlled electronic shutdown
Compatible with ceramic capacitor
COUT = 1 µF
Internal current and thermal limit
Package DFN6 (3 x 3 mm)
Temperature range: -40 °C to 125 °C
Description
The LD39050 provides 500 mA maximum current
from an input voltage ranging from 1.5 V to 5.5 V
with a typical dropout voltage of 200 mV. Stability
is provided using ceramic capacitors. The ultra
low drop-voltage, low quiescent current and low
noise features make it suitable for low power
battery-powered applications. Power supply
rejection is 65 dB at low frequencies and starts to
roll off at 10 kHz. An Enable logic control function
puts the LD39050 in shut-down mode allowing a
total current consumption lower than 1 µA. The
device also includes short-circuit constant current
limiting and thermal protection. Typical
applications are mobile phones, personal digital
assistants (PDAs), cordless phones and similar
battery-powered systems.
DFN6 (3 x 3 mm)
Table 1.
Device summary
Part numbers
Order codes
Output voltages
LD39050XX
LD39050PUR
ADJ from 0.8 V
LD39050XX10
LD39050PU10R
1.0 V
LD39050XX12
LD39050PU12R
1.2 V
LD39050XX25
LD39050PU25R
2.5 V
LD39050XX33
LD39050PU33R
3.3 V
www.st.com


同様の部品番号 - LD39050PU10R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39050PU25R STMICROELECTRONICS-LD39050PU25R Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
LD39050PU33R STMICROELECTRONICS-LD39050PU33R Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
LD39050PUR STMICROELECTRONICS-LD39050PUR Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results

同様の説明 - LD39050PU10R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
logo
Microchip Technology
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
logo
ON Semiconductor
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com