データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV821-Q1 データシート(PDF) 1 Page - Texas Instruments

部品番号 LMV821-Q1
部品情報  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821-Q1 データシート(HTML) 1 Page - Texas Instruments

  LMV821-Q1 Datasheet HTML 1Page - Texas Instruments LMV821-Q1 Datasheet HTML 2Page - Texas Instruments LMV821-Q1 Datasheet HTML 3Page - Texas Instruments LMV821-Q1 Datasheet HTML 4Page - Texas Instruments LMV821-Q1 Datasheet HTML 5Page - Texas Instruments LMV821-Q1 Datasheet HTML 6Page - Texas Instruments LMV821-Q1 Datasheet HTML 7Page - Texas Instruments LMV821-Q1 Datasheet HTML 8Page - Texas Instruments LMV821-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMV822...DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN-
1IN+
GND/V
CC-
V
CC+
2OUT
2IN -
2IN +
LMV821...DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
IN+
GND/V
CC-
IN-
V
CC+
OUT
LMV824...D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
14
13
12
11
1OUT
1IN-
1IN+
4IN–
4IN+
GND/V
CC-
5
6
7
10
9
8
2IN+
2IN-
2OUT
3IN+
3IN–
3OUT
V
CC+
4OUT
LMV821-Q1
LMV822-Q1
LMV824-Q1
www.ti.com
SLOS461F – MARCH 2005 – REVISED JULY 2010
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Check for Samples: LMV821-Q1, LMV822-Q1, LMV824-Q1
The LMV82x devices are characterized for operation
1
FEATURES
from –40°C to 125°C.
Qualified for Automotive Applications
2.5-V, 2.7-V, and 5-V Performance
–40°C to 125°C Operation
No Crossover Distortion
Low Supply Current at VCC+ = 5 V
LMV821: 0.3 mA Typ
LMV822: 0.5 mA Typ
LMV824: 1 mA Typ
Rail-to-Rail Output Swing
Gain Bandwidth of 5.5 MHz Typ at 5 V
Slew Rate of 1.9 V/µs Typ at 5 V
DESCRIPTION/ORDERING INFORMATION
The LMV821 single, LMV822 dual, and LMV824 quad
devices are low-voltage (2.5 V to 5.5 V), low-power
commodity
operational
amplifiers.
Electrical
characteristics are very similar to the LMV3xx
operational amplifiers (low supply current, rail-to-rail
outputs, input common-mode range that includes
ground). However, the LMV82x devices offer a higher
bandwidth (5.5 MHz typical) and faster slew rate
(1.9 V/µs typical).
The LMV82x devices are cost-effective solutions for
applications
requiring
low-voltage/low-power
operation
and
space-saving
considerations.
The
LMV821 saves space on printed circuit boards and
enables the design of small portable electronic
devices (cordless and cellular phones, laptops, PDAs,
PCMIA). It also allows the designer to place the
device closer to the signal source to reduce noise
pickup and increase signal integrity.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
Single
SOT-23 – DBV
Reel of 3000
LMV821QDBVRQ1
RB1_
Dual
MSOP/VSSOP – DGK
Reel of 2500
LMV822QDGKRQ1
R8B
–40°C to 125°C
SOIC – D
Reel of 2500
LMV824QDRQ1
LMV824Q
Quad
TSSOP – PW
Reel of 2000
LMV824QPWRQ1
MV824Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
LMV821-Q1 is Obsolete


同様の部品番号 - LMV821-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV821-N TI1-LMV821-N Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

同様の説明 - LMV821-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com