データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM109QML データシート(PDF) 6 Page - Texas Instruments

部品番号 LM109QML
部品情報  LM109QML 5-Volt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM109QML データシート(HTML) 6 Page - Texas Instruments

Back Button LM109QML Datasheet HTML 2Page - Texas Instruments LM109QML Datasheet HTML 3Page - Texas Instruments LM109QML Datasheet HTML 4Page - Texas Instruments LM109QML Datasheet HTML 5Page - Texas Instruments LM109QML Datasheet HTML 6Page - Texas Instruments LM109QML Datasheet HTML 7Page - Texas Instruments LM109QML Datasheet HTML 8Page - Texas Instruments LM109QML Datasheet HTML 9Page - Texas Instruments LM109QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM109K Electrical Characteristics
DC/AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC / DC:
I
L = 5mA (Note 6)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
Start
Start Up Input Voltage
V
O
≥ 4.706V, R
L =5
(Note 2)
9.0
V
1
I
Q
Quiescent Current
V
I = 7V
-10
mA
1, 2, 3
V
I = 7.2V, IL = 1.5A
(Note 3)
-10
mA
1, 2, 3
V
I = 25V
-10
mA
1, 2, 3
V
I = 25V, IL = 1.5A
t
PW
≤ 10ms
(Note 3)
-10
mA
1, 2, 3
V
I = 35V
-10
mA
1
IQ
Quiescent Current Change
7V
≤ V
I
≤ 25 V
-0.5
0.5
mA
1, 2, 3
V
I = 7.2V,
5mA
≤ I
L
≤ 1.5A
(Note 3)
-0.8
0.8
mA
1, 2, 3
V
RLine
Line Regulation
7V
≤ V
I
≤ 25V
-50
50
mV
1
-100
100
mV
2, 3
V
RLoad
Load Regulation
V
I = 7.2V,
5mA
≤ I
L
≤ 1.5A
-100
100
mV
1
(Note 3)
-200
200
mV
2, 3
V
I = 10V,
1.5A
≥ I
L
≥ 5mA
-100
100
mV
1
(Note 3)
-200
200
mV
2, 3
V
I = 25V, tPW < 10ms,
1A
≥ I
L
≥ 20mA,
-50
50
mV
1
V
O
Output Voltage
V
I = 7V, P1
≤ 20W
4.6
5.4
V
1, 2, 3
V
I = 7.2V, IL = 1.5A,
P
≤ 20W
(Note 3)
4.6
5.4
V
1, 2, 3
V
I = 10V, IL = 500mA,
P
≤ 20W
4.7
5.3
V
1
V
I = 25V, IL = 20mA,
P
≤ 20W
4.6
5.4
V
1
V
I = 25V, IL = 1A,
P
≤ 20W, t
PW
≤ 10mS
4.6
5.4
V
1, 2, 3
V
I = 25V, P
≤ 20W
4.6
5.4
V
1, 2, 3
I
OS
Short Circuit Current
V
I = 35V
2.8
A
1
RR
Ripple Rejection
ƒ
≤ 120Hz, e
I =1VRMS,
I
L = 500mA
50
dB
4
DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
I
L = 5mA(Note 6)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
N
Output Noise Voltage
10Hz
≤ ƒ ≤ 100KHz
(Note 5)
200
µV
7
∆V
O /
∆T
Long Term Stability
(Note 5)
10
mV
8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: This test is performed by shifting the input voltage in 50mV increments until output reaches 4.706V.
Note 3: At −55˚C & 125˚C, IL = 1A rather than 1.5A.
Note 4: At −55˚C & 125˚C, IL = 200mA rather than 500mA.
Note 5: Guaranteed parameter, not tested.
Note 6: Human body model, 1.5k
Ω in series with 100PF.
www.national.com
5


同様の部品番号 - LM109QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
More results

同様の説明 - LM109QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109JAN TI-LM109JAN_15 Datasheet
294Kb / 13P
[Old version datasheet]   LM109JAN 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com