データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM118JAN データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM118JAN
部品情報  LM118JAN Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM118JAN データシート(HTML) 8 Page - Texas Instruments

Back Button LM118JAN Datasheet HTML 4Page - Texas Instruments LM118JAN Datasheet HTML 5Page - Texas Instruments LM118JAN Datasheet HTML 6Page - Texas Instruments LM118JAN Datasheet HTML 7Page - Texas Instruments LM118JAN Datasheet HTML 8Page - Texas Instruments LM118JAN Datasheet HTML 9Page - Texas Instruments LM118JAN Datasheet HTML 10Page - Texas Instruments LM118JAN Datasheet HTML 11Page - Texas Instruments LM118JAN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM118 JAN Electrical Characteristics (Continued)
DC Drift Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
V
CC = ±20V
Delta calculations performed on JAN S devices at group B, subgroup 5 only.
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
V
CM = 0V
-1.0
1.0
mV
1
±I
IB
Input Bias Current
V
CM = 0V, RS = 100K
-25
25
nA
1
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction
to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA or the
number given in the Absolute Maximum Ratings, whichever is lower.
Note 5: The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current will flow if a differential input voltage in excess
of 1V is applied between the inputs unless some limiting resistance is used.
Note 6: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 7: Human body model, 1.5 k
Ω in series with 100 pF.
Note 8: Datalog in K = V/mV
Note 9: Calculated parameter.
Note 10: Errorband = ±2%.
Note 11: Slash Sheet: RS = 20KΩ, tested with RS = 100KΩ for better resolution.
www.national.com
7


同様の部品番号 - LM118JAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM118JAN TI1-LM118JAN Datasheet
819Kb / 20P
[Old version datasheet]   Operational Amplifier
LM118JAN TI-LM118JAN Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
LM118JAN-SP TI1-LM118JAN-SP Datasheet
819Kb / 20P
[Old version datasheet]   Operational Amplifier
LM118JAN TI1-LM118JAN_13 Datasheet
819Kb / 20P
[Old version datasheet]   Operational Amplifier
LM118JAN TI-LM118JAN_V01 Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
More results

同様の説明 - LM118JAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM118JAN TI-LM118JAN_V01 Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com