データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124-SP データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124-SP
部品情報  QUADRUPLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124-SP データシート(HTML) 7 Page - Texas Instruments

Back Button LM124-SP Datasheet HTML 3Page - Texas Instruments LM124-SP Datasheet HTML 4Page - Texas Instruments LM124-SP Datasheet HTML 5Page - Texas Instruments LM124-SP Datasheet HTML 6Page - Texas Instruments LM124-SP Datasheet HTML 7Page - Texas Instruments LM124-SP Datasheet HTML 8Page - Texas Instruments LM124-SP Datasheet HTML 9Page - Texas Instruments LM124-SP Datasheet HTML 10Page - Texas Instruments LM124-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM124-SP
LM124A-SP
www.ti.com
SLOS668A – NOVEMBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS FOR LM124A (continued)
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
(2)
MIN
TYP(3)
MAX
UNIT
125°C
3
+VCC = 30 V,
ICC
Power supply current
mA
-VCC = GND,
-55°C
4
+VCC = 5 V,
ΔVIO/
Input offset voltage temperature
-VCC = GND,
125°C, -55°C
-30
30
mV/°C
ΔT
sensitivity(4)
VCM = 1.4 V
+VCC = 5 V,
125°C
-400
400
ΔIIO/
Input offset current temperature
-VCC = GND,
pA/°C
ΔT
sensitivity(4)
-55°C
-700
700
VCM = 1.4 V
+VCC = 30 V,
-VCC = GND,
Full range
35
mV
RL = 10 kΩ
+VCC = 30 V,
VOL
Low-level output voltage
-VCC = GND,
Full range
1.5
IOL = 5 mA
V
+VCC = 4.5 V,
-VCC = GND,
Full range
0.4
IOL = 2 µA
+VCC = 30 V,
-VCC = GND,
Full range
27
IOH = 10 mA
VOH
High-level output voltage
V
+VCC = 4.5 V,
-VCC = GND,
Full range
2.4
IOH = -10 mA
+VCC = 30 V,
25°C
50
-VCC = GND,
1 V
≤ VOUT ≤ 26 V
Full range
25
RL = 10 kΩ
AVS+
Voltage gain
V/mV
+VCC = 30 V,
25°C
50
-VCC = GND,
5 V
≤ VOUT ≤ 20 V
Full range
25
RL = 2 kΩ
+VCC = 5 V,
-VCC = GND,
Full range
10
1 V
≤ VOUT ≤ 2.5 V
RL = 10 kΩ
AVS
Voltage gain
V/mV
+VCC = 5 V,
-VCC = GND,
Full range
10
5 V
≤ VOUT ≤ 2.5 V
RL = 2 kΩ
+VCC = 30 V,
-VCC = GND,
Full range
27
VOUT = 30 V
RL = 10 kΩ
+VOP
Maximum output voltage swing
V
+VCC = 30 V,
-VCC = GND,
Full range
26
VOUT = 30 V
RL = 2 kΩ
+VCC = 30 V,
TR(tr)
Transient response: rise time(4)
Full range
1
ms
-VCC = GND
+VCC = 30 V,
SR+
Slew rate: rise(4)
Full range
0.1
V/ms
-VCC = GND
+VCC = 30 V,
SR-
Slew rate: fall(4)
Full range
0.1
V/ms
-VCC = GND
+VCC = 15 V,
NI(BB)
Noise broadband(4)
-VCC = -15 V,
25°C
15
mV/rms
BW = 10 Hz to 5 kHz
(4)
Parameter characterized over temperature, but not production tested.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): LM124-SP LM124A-SP


同様の部品番号 - LM124-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124-SP TI-LM124-SP Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124-SP TI-LM124-SP Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM124-SP TI1-LM124-SP Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM124-SP TI1-LM124-SP Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
LM124-SP TI1-LM124-SP Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
More results

同様の説明 - LM124-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com