データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124-SP データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124-SP
部品情報  QUADRUPLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124-SP データシート(HTML) 8 Page - Texas Instruments

Back Button LM124-SP Datasheet HTML 4Page - Texas Instruments LM124-SP Datasheet HTML 5Page - Texas Instruments LM124-SP Datasheet HTML 6Page - Texas Instruments LM124-SP Datasheet HTML 7Page - Texas Instruments LM124-SP Datasheet HTML 8Page - Texas Instruments LM124-SP Datasheet HTML 9Page - Texas Instruments LM124-SP Datasheet HTML 10Page - Texas Instruments LM124-SP Datasheet HTML 11Page - Texas Instruments LM124-SP Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VO
+
RL
CL
VI
VCC+
VCC-
-
VO
+
100 Ω
VCC+
VCC-
RS
900 Ω
VI = 0 V
-
LM124-SP
LM124A-SP
SLOS668A – NOVEMBER 2010 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS FOR LM124A (continued)
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
(2)
MIN
TYP(3)
MAX
UNIT
+VCC = 15 V,
-VCC = -15 V,
NI(PC)
Noise popcorn(5)
25°C
50
mV/peak
RS = 20 kΩ,
BW = 10 Hz to 5 kHz
+VCC = 30 V,
-VCC = GND,
25°C
80
RL = 2 kΩ
CS
Channel separation
dB
RL = 2 kΩ,
25°C
80
VIN = 1 V and 16 V
(5)
Parameter characterized over temperature, but not production tested.
OPERATING CONDITIONS
VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 1)
0.5
V/ms
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 1)
1.2
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 2)
35
nV/
√Hz
Figure 1. Unity-Gain Amplifier
Figure 2. Noise-Test Circuit
8
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): LM124-SP LM124A-SP


同様の部品番号 - LM124-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124-SP TI-LM124-SP Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124-SP TI-LM124-SP Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM124-SP TI1-LM124-SP Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM124-SP TI1-LM124-SP Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
LM124-SP TI1-LM124-SP Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
More results

同様の説明 - LM124-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com