データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM185-2.5QML データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM185-2.5QML
部品情報  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-2.5QML データシート(HTML) 9 Page - Texas Instruments

Back Button LM185-2.5QML Datasheet HTML 5Page - Texas Instruments LM185-2.5QML Datasheet HTML 6Page - Texas Instruments LM185-2.5QML Datasheet HTML 7Page - Texas Instruments LM185-2.5QML Datasheet HTML 8Page - Texas Instruments LM185-2.5QML Datasheet HTML 9Page - Texas Instruments LM185-2.5QML Datasheet HTML 10Page - Texas Instruments LM185-2.5QML Datasheet HTML 11Page - Texas Instruments LM185-2.5QML Datasheet HTML 12Page - Texas Instruments LM185-2.5QML Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Applications (Continued)
Precision 1 µA to 1 mA Current Sources
20156224
20156225
METER THERMOMETERS
0˚C–100˚C Thermometer
20156226
Calibration
1.
Short LM385-2.5, adjust R3 for I
OUT=temp at 1µA/˚K
2.
Remove short, adjust R2 for correct reading in
centigrade
0˚F–50˚F Thermometer
20156227
Calibration
1.
Short LM385-2.5, adjust R3 for I
OUT=temp at 1.8 µA/˚K
2.
Remove short, adjust R2 for correct reading in ˚F
www.national.com
8


同様の部品番号 - LM185-2.5QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185-2.5QML-SP TI1-LM185-2.5QML-SP Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
LM185-2.5QML TI1-LM185-2.5QML_16 Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

同様の説明 - LM185-2.5QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com