データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM140K-5.0 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM140K-5.0
部品情報  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM140K-5.0 データシート(HTML) 11 Page - Texas Instruments

Back Button LM140K-5.0 Datasheet HTML 7Page - Texas Instruments LM140K-5.0 Datasheet HTML 8Page - Texas Instruments LM140K-5.0 Datasheet HTML 9Page - Texas Instruments LM140K-5.0 Datasheet HTML 10Page - Texas Instruments LM140K-5.0 Datasheet HTML 11Page - Texas Instruments LM140K-5.0 Datasheet HTML 12Page - Texas Instruments LM140K-5.0 Datasheet HTML 13Page - Texas Instruments LM140K-5.0 Datasheet HTML 14Page - Texas Instruments LM140K-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Line Regulation
140AK-5.0, I
OUT = 1A, TA = 25˚C
Line Regulation
140AK-5.0, V
IN = 10V, TA = 25˚C
00778105
00778106
Equivalent Schematic
00778107
www.national.com
10


同様の部品番号 - LM140K-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140K-5.0 NSC-LM140K-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM140K-5.0 TI1-LM140K-5.0 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM140K-5.0/883 TI1-LM140K-5.0/883 Datasheet
221Kb / 14P
[Old version datasheet]   LM140QML Three Terminal Positive Regulators
LM140K-5.0/NOPB TI1-LM140K-5.0/NOPB Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
More results

同様の説明 - LM140K-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com