データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203A-N データシート(PDF) 2 Page - Texas Instruments

部品番号 LM1203A-N
部品情報  LM1203A 150 MHz RGB Video Amplifier System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1203A-N データシート(HTML) 2 Page - Texas Instruments

  LM1203A-N Datasheet HTML 1Page - Texas Instruments LM1203A-N Datasheet HTML 2Page - Texas Instruments LM1203A-N Datasheet HTML 3Page - Texas Instruments LM1203A-N Datasheet HTML 4Page - Texas Instruments LM1203A-N Datasheet HTML 5Page - Texas Instruments LM1203A-N Datasheet HTML 6Page - Texas Instruments LM1203A-N Datasheet HTML 7Page - Texas Instruments LM1203A-N Datasheet HTML 8Page - Texas Instruments LM1203A-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLH11441
January 1996
LM1203A
150 MHz RGB Video Amplifier System
General Description
The LM1203A is an improved version of the popular
LM1203 wideband video amplifier system The device is in-
tended for high resolution RGB CRT monitors In addition to
three matched video amplifiers the LM1203A contains
three gated differential input black level clamp comparators
for brightness control and three matched attenuator circuits
for contrast control Each video amplifier contains a gain set
or ‘‘Drive’’ node for setting maximum system gain or provid-
ing gain trim capability for white balance The LM1203A also
contains a voltage reference for the video inputs The
LM1203A is pin and function compatible with the LM1203
Features
Y
Three wideband video amplifiers 150 MHz
b
3dB
Y
Matched (g01 dB or 12%) attenuators for contrast
control
Y
Three externally gated comparators for brightness
control
Y
Provisions for individual gain control (Drive) of each
video amplifier
Y
Video input voltage reference
Y
Low impedance output driver
Improvements over LM1203
Y
150 MHz vs 70 MHz bandwidth
Y
VOUT low 015V vs 09V
Y
tr tf 4nsvs7ns
Y
Built in power down spot killer
Applications
Y
High resolution RGB CRT monitors
Y
Video AGC amplifiers
Y
Wideband amplifiers with gain and DC offset controls
Block and Connection Diagrams
TLH11441 – 1
FIGURE 1
Order Number LM1203AN
See NS Package Number N28B
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


同様の部品番号 - LM1203A-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
More results

同様の説明 - LM1203A-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com