データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203A-N データシート(PDF) 11 Page - Texas Instruments

部品番号 LM1203A-N
部品情報  LM1203A 150 MHz RGB Video Amplifier System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1203A-N データシート(HTML) 11 Page - Texas Instruments

Back Button LM1203A-N Datasheet HTML 7Page - Texas Instruments LM1203A-N Datasheet HTML 8Page - Texas Instruments LM1203A-N Datasheet HTML 9Page - Texas Instruments LM1203A-N Datasheet HTML 10Page - Texas Instruments LM1203A-N Datasheet HTML 11Page - Texas Instruments LM1203A-N Datasheet HTML 12Page - Texas Instruments LM1203A-N Datasheet HTML 13Page - Texas Instruments LM1203A-N Datasheet HTML 14Page - Texas Instruments LM1203A-N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Circuit Description (Continued)
INPUT REFERENCE AND CONTRAST CONTROL
SECTION
Figure 7 shows the input reference and contrast control cir-
cuitry A temperature compensated 28V reference voltage
is made available at pin 11 The external DC biasing resis-
tors shown should not be larger than 10k because minor
differences in input bias currents of the individual video am-
plifiers may cause offsets in gain
Figure 7 also shows how
the contrast control circuit is configured R21 R22 Q22
Q23 and Q24 establish a low impedance zero TC half sup-
ply voltage reference at the base of Q25 The differential
amplifier formed by Q27 Q28 and feedback transistor Q29
along with R28 and R29 establish a differential base voltage
for Q3 and Q4 in
Figure 6 When externally adding or sub-
tracting current from the collector of Q28 a new differential
voltage is generated that reflects the change in the ratio of
currents in Q27 and Q28 To allow voltage control of the
current through Q28 resistor R27 is added between the
collector Q28 and pin 12 A capacitor should be connected
from pin 12 to ground to prevent noise from the contrast
control potentiometer from entering the IC
CLAMP GATE AND CLAMP COMPARATOR SECTION
Figures 8 and 9 show simplified schematics of the clamp
gate and clamp comparator circuits The clamp gate circuit
(Figure 8) consists of a PNP input buffer transistor (Q46) a
PNP emitter coupled pair (Q47 and Q49) referenced on one
side to 21V and an output switch transistor Q53 When the
clamp gate input at pin 14 is high (l15V) the Q53 switch is
on and shunts the 200 mA current from current source Q54
to ground When pin 14 is low (k13V) the Q53 switch is off
and the 200 mA current is mirrored by the current mirror
comprised of Q55 and Q36 (see
Figure 9 ) Consequently
the clamp comparator comprised of the differential pair Q35
and Q37 is enabled The input of each clamp comparator is
similar to the clamp gate except than an NPN emitter cou-
pled pair is used to control the current that will charge or
discharge the clamp capacitors at pins 5 8 and 10 PNP
transistors are used at the inputs because they offer a num-
ber of advantages over NPNs PNPs will operate with base
voltages at or near ground and will usually have a greater
emitter base breakdown voltage (BVebo) Because the dif-
ferential input voltage to the clamp comparator during the
video scan period could be greater than the BVebo of NPN
transistors a resistor (R37) with a value one half that of R36
or R39 is connected between the bases of Q34 and Q38
The clamp comparator’s common mode range is from
ground to approximately 9V and the maximum differential
input voltage is VCC and ground
TLH11441 – 11
FIGURE 7 Simplified Schematic of LM1203A Video Input Reference and Contrast Control Circuits
http
www nationalcom
10


同様の部品番号 - LM1203A-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
More results

同様の説明 - LM1203A-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com