データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203-N データシート(PDF) 3 Page - Texas Instruments

部品番号 LM1203-N
部品情報  LM1203 RGB Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1203-N データシート(HTML) 3 Page - Texas Instruments

  LM1203-N Datasheet HTML 1Page - Texas Instruments LM1203-N Datasheet HTML 2Page - Texas Instruments LM1203-N Datasheet HTML 3Page - Texas Instruments LM1203-N Datasheet HTML 4Page - Texas Instruments LM1203-N Datasheet HTML 5Page - Texas Instruments LM1203-N Datasheet HTML 6Page - Texas Instruments LM1203-N Datasheet HTML 7Page - Texas Instruments LM1203-N Datasheet HTML 8Page - Texas Instruments LM1203-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC Pins 1 13 23 28
(Note 1)
135V
Voltage at Any Input Pin VIN
VCC t VIN t GND
Video Output Current I16 20 or 25
28 mA
Power Dissipation PD
25W
(Above 25 C) Derate Based on iJA and TJ
Thermal Resistance iJA
50 CW
Junction Temperature TJ
150 C
Storage Temperature Range TSTG
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
265 C
ESD susceptibility
1 kV
Human body model 100 pF discharged through a 15 kX
resistor
Operating Ratings (Note 9)
Temperature Range
0 Cto70 C
Supply Voltage (VCC)
108V s VCC s 132V
Electrical Characteristics See Test Circuit(Figure 2) TA e 25 C VCC1 e VCC2 e 12V
DC Static Tests S17 21 26 Open V12 e 6V V14 e 0V V15 e 20V unless otherwise stated
Label
Parameter
Conditions
Typ
Tested
Design
Units
Limit (Note 2)
Limit (Note 3)
(Limits)
Is
Supply Current
VCC 1 only
73
900
mA(max)
V11
Video Input Reference Voltage
24
22
V(min)
26
V(max)
lb
Video Input Bias Current
Any One Amplifier
50
20
m
A(max)
V14 l
Clamp Gate Low Input Voltage
Clamp Comparators On
12
08
V(max)
V14 h
Clamp Gate High Input Voltage
Clamp Comparators Off
16
20
V(min)
I14 l
Clamp Gate Low Input Current
V14 e 0V
b
05
b
50
m
A(max)
I14 h
Clamp Gate High Input Current
V14 e 12V
0005
1
m
A(max)
lclampa
Clamp Cap Charge Current
V5 8 or 10 e 0V
850
500
m
A(min)
lclampb
Clamp Cap Discharge Current
V5 8 or 10 e 5V
b
850
b
500
m
A(min)
Vol
Video Output Low Voltage
V5 8 or 10 e 0V
09
125
V(max)
Voh
Video Output High Voltage
V5 8 or 10 e 5V
89
82
V(min)
D
Vo(2V)
Video Output Offset Voltage
Between Any Two Amplifiers
g
05
g
50
mV(max)
V15 e 2V
D
Vo(4V)
Video Output Offset Voltage
Between Any Two Amplifiers
g
05
g
50
mV(max)
V15 e 4V
AC Dynamic Tests S17 21 26 Closed V14 e 0V V15 e 4V unless otherwise stated
Symbol
Parameter
Conditions
Typ
Tested
Design
Units
Limit (Note 2)
Limit (Note 3)
(Limits)
Av max
Video Amplifier Gain
V12 e 12V VIN e 560 mVp-p
60
45
VV(min)
D
Av 5V
Attenuation
5V
Ref Av max V12 e 5V
b
10
dB
D
Av 2V
Attenuation
2V
Ref Av max V12 e 2V
b
40
dB
Av match
Absolute gain match
Av max
V12 e 12V (Note 5)
g
05
dB
D
Av track1
Gain change between amplifiers
V12 e 5V (Notes 5 8)
g
01
g
05
dB(max)
D
Av track2
Gain change between amplifiers
V12 e 2V (Notes 5 8)
g
03
g
07
dB(max)
THD
Video Amplifier Distortion
V12 e 3V VO e 1 Vp-p
05
%
f(b3 dB)
Video Amplifier Bandwidth
V12 e 12V
70
MHz
(Notes 4 6)
VO e 100 mVrms
tr
Output Rise Time (Note 4)
VO e 4 Vp-p
5
ns
tf
Output Fall Time (Note 4)
VO e 4 Vp-p
7
ns
http
www nationalcom
2


同様の部品番号 - LM1203-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
More results

同様の説明 - LM1203-N

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
NTE Electronics
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com